Moteur de recherche de fiches techniques de composants électroniques |
|
OP266B Fiches technique(PDF) 1 Page - OPTEK Technologies |
|
OP266B Fiches technique(HTML) 1 Page - OPTEK Technologies |
1 / 4 page OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Issue D 02/2014 Page 1 of 4 Plastic Infrared Emitting Diode OP265, OP266 Series (A, B, C, D, W) Features: T-1 (3 mm) package style Choice of narrow or wide irradiance pattern Choice of dome or flat lens Mechanically and spectrally matched to other OPTEK devices Higher power output than GaAs at equivalent drive currents 890 nm diodes Description: Each device in the OP265 and OP266 series is a high intensity gallium arsenide infrared emitting diode (GaAIAs) that is molded in an IR transmissive clear epoxy package with either a dome or flat lens. Devices feature narrow and wide irradiance patterns and a variety of electrical characteristics. The small T-1 package style makes these devices ideal for space-limited applications. OP265 devices conform to the OP505 and OP535 series devices. OP266 devices conform to OP506 series devices. Please refer to Application Bulletins 208 and 210 for additional design information and reliability (degradation) data. Applications: Space-limited applications Applications requiring coupling efficiency Battery-operated or voltage-limited applications RoHS Ordering Information Part Number LED Peak Wavelength Output Power (mW/ cm 2) Min / Max IF (mA) Typ / Max Total Beam Angle Lead Length OP265A 890 nm 2.70 / NA 20 / 50 18° OP265B 1.65 / 4.70 OP265C 0.54 / 3.30 OP265D 0.54 / NA OP265W 1.00 / NA 90° OP266A 2.70 / NA 18° OP266B 1.65 / 4.70 OP266C 0.54 / 3.30 OP266D 0.54 / NA OP266W 1.00 / NA 90° See page 2 |
Numéro de pièce similaire - OP266B |
|
Description similaire - OP266B |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |