Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

4N22TXV Datasheet(Fiches technique) 5 Page - OPTEK Technologies

Numéro de pièce 4N22TXV
Description  Hi-Reliability Optically Coupled Isolator
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  OPTEK [OPTEK Technologies]
Site Internet  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

4N22TXV Datasheet(HTML) 5 Page - OPTEK Technologies

  4N22TXV Datenblatt HTML 1Page - OPTEK Technologies 4N22TXV Datenblatt HTML 2Page - OPTEK Technologies 4N22TXV Datenblatt HTML 3Page - OPTEK Technologies 4N22TXV Datenblatt HTML 4Page - OPTEK Technologies 4N22TXV Datasheet HTML 5Page - OPTEK Technologies 4N22TXV Datenblatt HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C
08/2010
Page 5 of 6
Hi-Reliability Optically Coupled Isolator
4N22, 4N23, 4N24 [A] (COTS, TX, TXV)
4N47, 4N48, 4N49 [A] (COTS, TX, TXV)
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Coupled
TR
Output Rise Time
4N22A (TX, TXV)
4N23A (TX, TXV)
4N24A (TX, TXV)
4N47 (TX. TXV)
4N48 (TX. TXV)
4N49 (TX. TXV)
-
-
-
-
-
-
-
-
-
-
-
-
15
15
20
20
20
25
µs
VCC = 10.0 V , IF = 10.0 mA, RL = 100 mA
VCC = 10.0 V , IF = 10.0 mA, RL = 100 mA
VCC = 10.0 V , IF = 10.0 mA, RL = 100 mA
VCC = 10.0 V , IF = 5.0 mA, RL = 100 Ω
VCC = 10.0 V , IF = 5.0 mA, RL = 100 Ω
VCC = 10.0 V , IF = 5.0 mA, RL = 100 Ω
TF
Output Fall Time
4N22A (TX, TXV)
4N23A (TX, TXV)
4N24A (TX, TXV)
4N47 (TX. TXV)
4N48 (TX. TXV)
4N49 (TX. TXV)
-
-
-
-
-
-
-
-
-
-
-
-
15
15
20
20
20
25
µs
VCC = 10.0 V , IF = 10.0 mA, RL = 100 Ω
VCC = 10.0 V , IF = 10.0 mA, RL = 100 Ω
VCC = 10.0 V , IF = 10.0 mA, RL = 100 Ω
VCC = 10.0 V , IF = 5.0 mA, RL = 100 Ω
VCC = 10.0 V , IF = 5.0 mA, RL = 100 Ω
VCC = 10.0 V , IF = 5.0 mA, RL = 100 Ω
Typical Performance Curves
Forward Voltage vs Forward Current vs Temperature
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0
5
10
15
20
25
IF - Forward Current (mA)
-55°
-35°
-15°
+5°
+25°
+45°
+65°
+85°
+105°
+125°


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn