Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

4N22TX Fiches technique(PDF) 6 Page - OPTEK Technologies

No de pièce 4N22TX
Description  Hi-Reliability Optically Coupled Isolator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OPTEK [OPTEK Technologies]
Site Internet  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

4N22TX Fiches technique(HTML) 6 Page - OPTEK Technologies

  4N22TX Datasheet HTML 1Page - OPTEK Technologies 4N22TX Datasheet HTML 2Page - OPTEK Technologies 4N22TX Datasheet HTML 3Page - OPTEK Technologies 4N22TX Datasheet HTML 4Page - OPTEK Technologies 4N22TX Datasheet HTML 5Page - OPTEK Technologies 4N22TX Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C
08/2010
Page 6 of 6
Hi-Reliability Optically Coupled Isolator
4N22, 4N23, 4N24 [A] (COTS, TX, TXV)
4N47, 4N48, 4N49 [A] (COTS, TX, TXV)
Typical Performance Curves
Collector Current vs Forward Current vs Temperature
0%
100%
200%
300%
400%
500%
600%
700%
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
IF - Forward current (mA)
-55°
-35°
-15°
+5°
+25°
+45°
+65°
+85°
+105°
+125°
Normalized at +25°C
IF = 1 mA and VCE = 5
V
Normalized Collector Current Vs Temperature
0%
20%
40%
60%
80%
100%
120%
140%
-55°
-35°
-15°
+5°
+25°
+45°
+65°
+85°
+105° +125°
Temperature (°C)
IF=1mA
Normalized at +25°C
IF=1mA and VCE=5 V
Normalized Collector Current Vs Temperature
0%
20%
40%
60%
80%
100%
120%
140%
-55°
-35°
-15°
+5°
+25°
+45°
+65°
+85°
+105° +125°
Temperature (°C)
IF=2mA
Normalized at +25°C
IF=2 mA and VCE=5 V


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn