Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

4N22TX Fiches technique(PDF) 5 Page - OPTEK Technologies

No de pièce 4N22TX
Description  Hi-Reliability Optically Coupled Isolator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OPTEK [OPTEK Technologies]
Site Internet  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

4N22TX Fiches technique(HTML) 5 Page - OPTEK Technologies

  4N22TX Datasheet HTML 1Page - OPTEK Technologies 4N22TX Datasheet HTML 2Page - OPTEK Technologies 4N22TX Datasheet HTML 3Page - OPTEK Technologies 4N22TX Datasheet HTML 4Page - OPTEK Technologies 4N22TX Datasheet HTML 5Page - OPTEK Technologies 4N22TX Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C
08/2010
Page 5 of 6
Hi-Reliability Optically Coupled Isolator
4N22, 4N23, 4N24 [A] (COTS, TX, TXV)
4N47, 4N48, 4N49 [A] (COTS, TX, TXV)
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Coupled
TR
Output Rise Time
4N22A (TX, TXV)
4N23A (TX, TXV)
4N24A (TX, TXV)
4N47 (TX. TXV)
4N48 (TX. TXV)
4N49 (TX. TXV)
-
-
-
-
-
-
-
-
-
-
-
-
15
15
20
20
20
25
µs
VCC = 10.0 V , IF = 10.0 mA, RL = 100 mA
VCC = 10.0 V , IF = 10.0 mA, RL = 100 mA
VCC = 10.0 V , IF = 10.0 mA, RL = 100 mA
VCC = 10.0 V , IF = 5.0 mA, RL = 100 Ω
VCC = 10.0 V , IF = 5.0 mA, RL = 100 Ω
VCC = 10.0 V , IF = 5.0 mA, RL = 100 Ω
TF
Output Fall Time
4N22A (TX, TXV)
4N23A (TX, TXV)
4N24A (TX, TXV)
4N47 (TX. TXV)
4N48 (TX. TXV)
4N49 (TX. TXV)
-
-
-
-
-
-
-
-
-
-
-
-
15
15
20
20
20
25
µs
VCC = 10.0 V , IF = 10.0 mA, RL = 100 Ω
VCC = 10.0 V , IF = 10.0 mA, RL = 100 Ω
VCC = 10.0 V , IF = 10.0 mA, RL = 100 Ω
VCC = 10.0 V , IF = 5.0 mA, RL = 100 Ω
VCC = 10.0 V , IF = 5.0 mA, RL = 100 Ω
VCC = 10.0 V , IF = 5.0 mA, RL = 100 Ω
Typical Performance Curves
Forward Voltage vs Forward Current vs Temperature
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0
5
10
15
20
25
IF - Forward Current (mA)
-55°
-35°
-15°
+5°
+25°
+45°
+65°
+85°
+105°
+125°


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn