Moteur de recherche de fiches techniques de composants électroniques |
|
Q-B-10 Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers |
|
Q-B-10 Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers |
7 / 9 page PART NO. SIZE USAGE S1227-O 1.2" x 2.7" OK 45803S S1525-O 1.55" x 2.55" Ungar 9901; Weller SP60 S1716-P 1.7" x 1.6" Replacement sponges for Easy Braid small soldering iron stand S1821-P 1.8" x 2.1" Replacement sponges for Easy Braid large soldering iron stand S1836-M 1.8" x 3.6" With multiple holes S2026-S 2.0" x 2.6" Plato CS-11; Weller MP S2222-O 2.2" x 2.2" With center hole S2235-O 2.2" x 3.5" Hexacon Thermotrac 1001, 1002; Micro Mini M65, M70; Dial A Temp1520, 1524; Plato CS-36, Weller DS-100, EC-1000, EC-2000 S2235-S 2.2" x 3.5" Same as S2235-O above with slits instead of hole S2235-M 2.2" x 3.5" Same as S2235-O with multiple holes S2432-O 2.4" x 3.2" With center hole S2432-M 2.4" x 3.2" With multiple holes S2626-P 2.6" x 2.6" Same as S2626-S with plain smooth top instead of slits S2626-S 2.6" x 2.6" Hakko 927, 928, 936; Plato CS-10; Virtual VS2626; Weller WTCP; EC-3000, EC-4000; Weller TC205 S2626-O 2.6" x 2.6" Same as S2626-S with a center hole instead of slits S2626-M 2.6" x 2.6" Same as S2626-S with multiple holes instead of slits S2745-S 2.7" x 4.5" Plato CS-33; Weller EC-1000, EC-2000 S3017-O 3.0" x 1.7" With center hole S3020-P 3.0" x 2.0" With plain smooth top S3020-S 3.0" x 2.0" With slits S3219-O 3.2" x 1.9" Metcal; Plato CS-46 S3234-O 3.2" x 3.4" With center hole S3417-O 3.4" x 1.7" With center hole S3444-S 3.4" x 4.4" Hexacon 810, 812, 890, 891, 892 S3444-O 3.4" x 4.4" Same as S3444-S with a hole instead of slits S4017-O 4.0" x 1.7" Hakko 926, Plato CS-43; OK15495(S)5 S8517-P 8.5" x 17" Sponge sheet Add a “T” suffix to Part No. when ordering 10 Pack Add an “M” suffix to Part No. when ordering 1,000 Pack Modification: “S” = Slits “O” = One Hole “M” = Multiple Holes “P” = Plain Smooth Top S1227-O S2235-O S3219-O S4017-O S1525-O S2626-S S3444-S S2626-M SOLDER SOAKERS™ Sponges Designed Specifically for Electronics • Soldering iron tips cleaned quickly and efficiently • Custom die-cut sponges available (minimum quantity 2,500) • Available in standard packages of 10 or 1,000 sponges 5 |
Numéro de pièce similaire - Q-B-10 |
|
Description similaire - Q-B-10 |