Moteur de recherche de fiches techniques de composants électroniques |
|
90143-0108 Fiches technique(PDF) 1 Page - Molex Electronics Ltd. |
|
90143-0108 Fiches technique(HTML) 1 Page - Molex Electronics Ltd. |
|
1 / 1 page This document was generated on 05/15/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 90143-0108 Status: Active Overview: C-Grid III™ Description: 2.54mm Pitch C-Grid III™ Modular Crimp Housing, Dual Row, 4 Polarizing Buttons, 8 Circuits Documents: 3D Model RoHS Certificate of Compliance (PDF) Drawing (PDF) General Product Family Crimp Housings Series 90143 Application Signal, Wire-to-Board Comments 4 Polarizing Buttons Overview C-Grid III™ Product Name C-Grid III™ UPC 800753530805 Physical Breakaway No Circuits (maximum) 8 Circuits Detail No Voided Circuits Color - Resin Black Gender Female Glow-Wire Compliant No Keying to Mating Part None Lock to Mating Part No Material - Resin PPO Net Weight 0.458/g Number of Rows 2 Packaging Type Bag Panel Mount No Pitch - Mating Interface 2.54mm Pitch - Termination Interface 2.54mm Polarized to Mating Part No Ports 1 Stackable Yes Temperature Range - Operating -55°C to +105°C Electrical Current - Maximum per Contact 3A Material Info Reference - Drawing Numbers Sales Drawing SD-90143 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Low-Halogen Status Low-Halogen Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 90143Series Mates With C-Grid III™ Header, Dual Row 90122 , 90130 , 90131 Use With C-Grid III™ Crimp Terminal 90119 This document was generated on 05/15/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Numéro de pièce similaire - 90143-0108 |
|
Description similaire - 90143-0108 |