Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

90142-0028 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce 90142-0028
Description  2.54mm Pitch C-Grid III??Crimp Housing Dual Row, 28 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

90142-0028 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  90142-0028 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 05/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
90142-0028
Status:
Active
Overview:
C-Grid III™
Description:
2.54mm Pitch C-Grid III™ Crimp Housing Dual Row, 28 Circuits
Documents:
3D Model
Product Specification PS-99020-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
Crimp Housings
Series
90142
Application
Signal, Wire-to-Board
Overview
C-Grid III™
Product Name
C-Grid III™
UPC
800754813174
Physical
Breakaway
No
Circuits (maximum)
28
Color - Resin
Black
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
PPO
Net Weight
1.911/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Polarized to Mating Part
Yes
Ports
0
Stackable
No
Temperature Range - Operating
-55°C to +105°C
Electrical
Current - Maximum per Contact
3A
Material Info
Reference - Drawing Numbers
Product Specification
PS-99020-0001
Sales Drawing
SD-90142
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90142Series
Mates With
C-Grid III™ Header, Dual Row 90122 ,
90130 , 90131
Use With
C-Grid III™ Crimp Terminal 90119
This document was generated on 05/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - 90142-0028

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
90142-0028 MOLEX10-90142-0028 Datasheet
154Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Crimp Housing - Dual Row, 28 Circuits
More results

Description similaire - 90142-0028

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0901420028 MOLEX1-0901420028_17 Datasheet
28Kb / 1P
   2.54mm Pitch C-Grid III Crimp Housing Dual Row, 28 Circuits
0901420028 MOLEX10-0901420028 Datasheet
154Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Crimp Housing - Dual Row, 28 Circuits
0901430028 MOLEX10-0901430028 Datasheet
262Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Modular Crimp Housing, Dual Row, 28 Circuits
90142-0030 MOLEX11-90142-0030 Datasheet
35Kb / 1P
   2.54mm Pitch C-Grid III??Crimp Housing Dual Row, 30 Circuits
90160-0120 MOLEX11-90160-0120 Datasheet
34Kb / 1P
   2.54mm Pitch C-Grid III??Crimp Housing Dual Row, 20 Circuits
0901600110 MOLEX1-0901600110_17 Datasheet
28Kb / 1P
   2.54mm Pitch C-Grid III Crimp Housing Dual Row, 10 Circuits
0901600160 MOLEX1-0901600160_17 Datasheet
28Kb / 1P
   2.54mm Pitch C-Grid III Crimp Housing Dual Row, 60 Circuits
0901420020 MOLEX1-0901420020_17 Datasheet
28Kb / 1P
   2.54mm Pitch C-Grid III Crimp Housing Dual Row, 20 Circuits
0901420050 MOLEX1-0901420050_17 Datasheet
28Kb / 1P
   2.54mm Pitch C-Grid III Crimp Housing Dual Row, 50 Circuits
0901420014 MOLEX1-0901420014_17 Datasheet
29Kb / 2P
   2.54mm Pitch C-Grid III Crimp Housing Dual Row, 14 Circuits
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com