Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DL4735A Fiches technique(PDF) 1 Page - Dc Components

No de pièce DL4735A
Description  TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DCCOM [Dc Components]
Site Internet  http://www.dccomponents.com
Logo DCCOM - Dc Components

DL4735A Fiches technique(HTML) 1 Page - Dc Components

  DL4735A Datasheet HTML 1Page - Dc Components DL4735A Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
DL4728A
THRU
DL-41
Dimensions in millimeters
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
FEATURES
* Voltage Range:3.3V to 39V
MECHANICAL DATA
* Case: Glass sealed case
* Mounting position: Any
* Weight: 0.35 gram
* Double slug type construction
DL4754A
2.4+0.1
5.0±0.2
0.4
CATHODE MARK
* Terminals:Solder plated, solderable per
MIL-STD-750, Method 2026
* Polarity: Color band denotes cathode end
SYMBOL
VALUE
UNITS
Zener Current see Table "Characterisitics"
Power Dissipation at Tamb=25
oC
Ptot
1
(1)
W
Junction Temperature
Tj
175
oC
Storage Temperature Range
Tstg
-55 to + 200
oC
K/mW
Thermal Resistance
RthA
-
Typ.
Junction to Ambient Air
-
Min.
170
(1)
Max.
Volts
Forward Voltage
VF
-
Typ.
at IF=200mA
-
Min.
1.2
Max.
1)Valid Provided that leads are kept at ambient temperature at a distance of 10 mm from case.
NOTE: Suffix "A" indicates Zener Voltage Tolerance ± 5%
300
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Numéro de pièce similaire - DL4735A

FabricantNo de pièceFiches techniqueDescription
logo
Rectron Semiconductor
DL4735A RECTRON-DL4735A Datasheet
24Kb / 2P
   Surface Mount M.E.L.F ZENER DIODE
logo
Rugao Dachang Electroni...
DL4735A DACHANG-DL4735A Datasheet
119Kb / 2P
   Low reverse leakage
logo
Shanghai Leiditech Elec...
DL4735A LEIDITECH-DL4735A Datasheet
688Kb / 4P
   Surface mount zener diodes zener voltag 3.3-100V 1.0Watt Power Dissipation
logo
Formosa MS
DL4735A FORMOSA-DL4735A Datasheet
82Kb / 3P
   Zener diode
logo
SeCoS Halbleitertechnol...
DL4735A SECOS-DL4735A Datasheet
147Kb / 3P
   1W , MELF Surface Mount Zener Diodes
More results

Description similaire - DL4735A

FabricantNo de pièceFiches techniqueDescription
logo
Dc Components
BZX55C2V4 DCCOM-BZX55C2V4 Datasheet
199Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZM55C2V4 DCCOM-BZM55C2V4 Datasheet
245Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
1N5221B DCCOM-1N5221B Datasheet
230Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
DLQ5221B DCCOM-DLQ5221B Datasheet
233Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZQ55C2V4 DCCOM-BZQ55C2V4 Datasheet
236Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
1N4728A DCCOM-1N4728A Datasheet
214Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
DL5221B DCCOM-DL5221B Datasheet
220Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZV55C2V4 DCCOM-BZV55C2V4 Datasheet
238Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
DLM5221B DCCOM-DLM5221B Datasheet
245Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
MMSZ5221BS DCCOM-MMSZ5221BS Datasheet
245Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com