Moteur de recherche de fiches techniques de composants électroniques |
|
1N4753A Fiches technique(PDF) 1 Page - Dc Components |
|
1N4753A Fiches technique(HTML) 1 Page - Dc Components |
1 / 2 page MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. 1N4728A THRU Dimensions in millimeters RECTIFIER SPECIALISTS R DC COMPONENTS CO., LTD. TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES FEATURES * Voltage Range:3.3V to 39V * Double slug type construction 1N4754A MECHANICAL DATA * Case: Glass sealed case * Lead: MIL-STD-202E, Method 208 guaranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.35 gram SYMBOL VALUE UNITS Zener Current see Table "Characterisitics" Power Dissipation at Tamb=25 oC Ptot 1 (1) W Junction Temperature Tj 175 oC Storage Temperature Range Tstg -55 to + 200 oC K/mW Thermal Resistance RthA - Typ. Junction to Ambient Air - Min. 170 (1) Max. Volts Forward Voltage VF - Typ. at IF=200mA - Min. 1.2 Max. 1)Valid Provided that leads are kept at ambient temperature at a distance of 10 mm from case. NOTE: Suffix "A" indicates Zener Voltage Tolerance ± 5% DO-41(G) MAX. 162 NEXT BACK EXIT NEXT BACK EXIT NEXT BACK EXIT |
Numéro de pièce similaire - 1N4753A |
|
Description similaire - 1N4753A |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |