Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD3572FP Fiches technique(PDF) 8 Page - Rohm

No de pièce BD3572FP
Description  High Voltage LDO Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD3572FP Fiches technique(HTML) 8 Page - Rohm

Back Button BD3572FP Datasheet HTML 4Page - Rohm BD3572FP Datasheet HTML 5Page - Rohm BD3572FP Datasheet HTML 6Page - Rohm BD3572FP Datasheet HTML 7Page - Rohm BD3572FP Datasheet HTML 8Page - Rohm BD3572FP Datasheet HTML 9Page - Rohm BD3572FP Datasheet HTML 10Page - Rohm BD3572FP Datasheet HTML 11Page - Rohm BD3572FP Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Technical Note
8/9
BD3570FP/HFP, BD3571FP/HFP, BD3572FP/HFP, BD3573FP/HFP
BD3574FP/HFP, BD3575FP/HFP
www.rohm.com
2011.03 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●Ordering Part Number
B
D
3
5
7
4
H
F
P
-
T
R
ローム形名
Part number
3570:3.3V output
no include SW
3571:5.0V output
no include SW
3572:variable output
no include SW
3573:3.3V output
include SW
3574:5.0V output
include SW
3575:variable output
include SW
Package
FP : TO252-3,
TO252-5
HFP: HRP5
Packaging and forming
specification
E2: Embossed tape and reel
(TO252-3,TO252-5)
TR: Embossed tape and reel
(HRP5)
(Unit : mm)
TO252-3
2
1
3
0.65
0.65
0.75
FIN
6.5
±0.2
2.3
±0.2
2.3
±0.2
0.5
±0.1
1.0
±0.2
2.3
±0.2
0.5
±0.1
5.1
+0.2
-0.1
C0.5
Direction of feed
1pin
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the lower left when you hold
reel on the left hand and you pull out the tape on the right hand
2000pcs
E2
(
)
(Unit : mm)
TO252-5
1 2 3
5
4
0.5
1.27
FIN
6.5
±0.2
2.3
±0.2
0.5
±0.1
1.0
±0.2
0.5
±0.1
C0.5
5.1
+0.2
-0.1
Direction of feed
1pin
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the lower left when you hold
reel on the left hand and you pull out the tape on the right hand
2000pcs
E2
(
)


Numéro de pièce similaire - BD3572FP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3572FP ROHM-BD3572FP Datasheet
312Kb / 10P
   High Voltage LDO Regulators
BD3572FP ROHM-BD3572FP Datasheet
327Kb / 12P
   High Voltage LDO Regulators
BD3572FP ROHM-BD3572FP Datasheet
252Kb / 10P
   High Voltage LDO Regulators
More results

Description similaire - BD3572FP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3570YFP-M ROHM-BD3570YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3570FP ROHM-BD3570FP Datasheet
312Kb / 10P
   High Voltage LDO Regulators
BD3571FP-E2 ROHM-BD3571FP-E2 Datasheet
252Kb / 10P
   High Voltage LDO Regulators
BD3571YFP-M ROHM-BD3571YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3575HFP-TR ROHM-BD3575HFP-TR Datasheet
327Kb / 12P
   High Voltage LDO Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
logo
SHANGHAI BELLING CO., L...
BL9118 BELLING-BL9118 Datasheet
187Kb / 12P
   800mA Adjustable Voltage High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com