Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC548B Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce BC548B
Description  Switching and Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC548B Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  BC548B Datasheet HTML 1Page - Fairchild Semiconductor BC548B Datasheet HTML 2Page - Fairchild Semiconductor BC548B Datasheet HTML 3Page - Fairchild Semiconductor BC548B Datasheet HTML 4Page - Fairchild Semiconductor BC548B Datasheet HTML 5Page - Fairchild Semiconductor BC548B Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BC546 / BC547 / BC548 / BC549 / BC550 Rev. 1.1.0
2
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
hFE Classification
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
BC546
80
V
BC547 / BC550
50
BC548 / BC549
30
VCEO
Collector-Emitter Voltage
BC546
65
V
BC547 / BC550
45
BC548 / BC549
30
VEBO
Emitter-Base Voltage
BC546 / BC547
6
V
BC548 / BC549 / BC550
5
IC
Collector Current (DC)
100
mA
PC
Collector Power Dissipation
500
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-Off Current
VCB = 30 V, IE = 0
15
nA
hFE
DC Current Gain
VCE = 5 V, IC = 2 mA
110
800
VCE(sat)
Collector-Emitter Saturation
Voltage
IC = 10 mA, IB = 0.5 mA
90
250
mV
IC = 100 mA, IB = 5 mA
250
600
VBE(sat)
Collector-Base Saturation Voltage
IC = 10 mA, IB = 0.5 mA
700
mV
IC = 100 mA, IB = 5 mA
900
VBE(on)
Base-Emitter On Voltage
VCE = 5 V, IC = 2 mA
580
660
700
mV
VCE = 5 V, IC = 10 mA
720
fT
Current Gain Bandwidth Product
VCE = 5 V, IC = 10 mA,
f = 100 MHz
300
MHz
Cob
Output Capacitance
VCB = 10 V, IE = 0, f = 1 MHz
3.5
6.0
pF
Cib
Input Capacitance
VEB = 0.5 V, IC = 0, f = 1 MHz
9
pF
NF
Noise
Figure
BC546 / BC547 / BC548 V
CE = 5 V, IC = 200 μA,
f = 1 kHz, RG = 2 kΩ
210
dB
BC549 / BC550
1.2
4.0
BC549
VCE = 5 V, IC = 200 μA,
RG = 2 kΩ, f = 30 to 15000 MHz
1.4
4.0
BC550
1.4
3.0
Classification
A
B
C
hFE
110 ~ 220
200 ~ 450
420 ~ 800


Numéro de pièce similaire - BC548B

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BC548B ONSEMI-BC548B Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Micro Commercial Compon...
BC548B MCC-BC548B Datasheet
301Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
logo
Siemens Semiconductor G...
BC548B SIEMENS-BC548B Datasheet
210Kb / 6P
   NPN Silicon Transistors
logo
Fairchild Semiconductor
BC548B FAIRCHILD-BC548B Datasheet
50Kb / 4P
   Switching and Applications Switching and Applications
BC548B FAIRCHILD-BC548B Datasheet
21Kb / 2P
   NPN General Purpose Amplifier
More results

Description similaire - BC548B

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BC557 FAIRCHILD-BC557 Datasheet
43Kb / 4P
   Switching and Amplifier
BC556BTA FAIRCHILD-BC556BTA Datasheet
49Kb / 4P
   Switching and Amplifier
BC856 FAIRCHILD-BC856 Datasheet
68Kb / 5P
   Switching and Amplifier Applications
BC63916 FAIRCHILD-BC63916 Datasheet
56Kb / 3P
   Switching and Amplifier Applications
BC32725BU FAIRCHILD-BC32725BU Datasheet
54Kb / 4P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC337 UTC-BC337_15 Datasheet
177Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATION
BC808 UTC-BC808_15 Datasheet
197Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC849 UTC-BC849_15 Datasheet
215Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATION
BC807 UTC-BC807 Datasheet
108Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
BC856 UTC-BC856 Datasheet
176Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com