Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N6273 Fiches technique(PDF) 4 Page - Dc Components

No de pièce 1N6273
Description  TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DCCOM [Dc Components]
Site Internet  http://www.dccomponents.com
Logo DCCOM - Dc Components

1N6273 Fiches technique(HTML) 4 Page - Dc Components

  1N6273 Datasheet HTML 1Page - Dc Components 1N6273 Datasheet HTML 2Page - Dc Components 1N6273 Datasheet HTML 3Page - Dc Components 1N6273 Datasheet HTML 4Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1.VBR measured after IT applied for 300µs. IT= Square Wave Pulse or equivalent.
2.For bidirectonal use C or CA suffixs for all types (ex. 1.5KE6.8C, 1.5KE440CA).
electrical characteristics apply in both directions.
3.For bidirectional types having VWM of 10 volts and less, the ID limit is doubled.
R
DC COMPONENTS CO., LTD.
1.5KW (1500W) SERIES TRANSIENT VOLTAGE SUPPRESSORS
JEDEC
PART
NUMBER
1.5KE56
1N6289
50.4
61.6
1.0
45.4
5.0
18.6
80
1.5KE56A
1N6289A
53.2
58.8
1.0
47.8
5.0
19.5
77
1.5KE62
1N6290
55.8
68.2
1.0
50.2
5.0
16.9
89
1.5KE62A
1N6290A
58.9
65.1
1.0
53.0
5.0
17.7
85
1.5KE68
1N6291
61.2
74.8
1.0
55.1
5.0
15.3
98
1.5KE68A
1N6291A
64.6
71.4
1.0
58.1
5.0
16.3
92
1.5KE75
1N6292
67.5
82.8
1.0
60.7
5.0
13.9
108
1.5KE75A
1N6292A
71.3
78.8
1.0
64.1
5.0
14.6
103
1.5KE82
1N6293
73.8
90.2
1.0
66.4
5.0
12.7
118
1.5KE82A
1N6293A
77.9
86.1
1.0
70.1
5.0
13.3
113
1.5KE91
1N6294
81.9
100
1.0
73.7
5.0
11.4
131
1.5KE91A
1N6294A
86.5
95.5
1.0
77.8
5.0
12.0
125
1.5KE100
1N6295
90.0
110
1.0
81.0
5.0
10.4
144
1.5KE100A
1N6295A
95.0
105
1.0
85.5
5.0
11.0
137
1.5KE110
1N6296
99.0
121
1.0
89.2
5.0
9.5
158
1.5KE110A
1N6296A
105
116
1.0
94.0
5.0
9.9
152
1.5KE120
1N6297
108
132
1.0
97.2
5.0
8.7
173
1.5KE120A
1N6297A
114
126
1.0
102
5.0
9.1
165
1.5KE130
1N6298
117
143
1.0
105
5.0
8.0
187
1.5KE130A
1N6298A
124
137
1.0
111
5.0
8.4
179
1.5KE150
1N6299
135
165
1.0
121
5.0
7.0
215
1.5KE150A
1N6299A
143
158
1.0
128
5.0
7.2
207
1.5KE160
1N6300
144
176
1.0
130
5.0
6.5
230
1,5KE160A
1N6300A
152
168
1.0
136
5.0
6.8
219
1.5KE170
1N6301
153
187
1.0
138
5.0
6.2
244
1.5KE170A
1N6301A
162
179
1.0
145
5.0
6.4
234
1.5KE180
1N6302
162
198
1.0
146
5.0
5.8
258
1.5KE180A
1N6302A
171
189
1.0
154
5.0
6.1
246
1.5KE200
1N6303
180
220
1.0
162
5.0
5.21
287
1.5KE200A
1N6303A
190
210
1.0
171
5.0
5.5
274
1.5KE220
198
242
1.0
175
5.0
4.3
344
1.5KE220A
209
231
1.0
185
5.0
4.6
328
1.5KE250
225
275
1.0
202
5.0
5.0
360
15.KE250A
237
263
1.0
214
5.0
5.0
344
1.5KE300
270
339
1.0
243
5.0
5.0
430
1.5KE300A
285
315
1.0
256
5.0
5.0
414
1.5KE350
315
385
1.0
284
5.0
5.0
504
1.5KE350A
332
368
1.0
300
5.0
4.0
482
1.5KE400
360
440
1.0
324
5.0
4.0
572
1.5KE400A
380
420
1.0
342
5.0
4.0
548
1.5KE440
396
484
1.0
356
5.0
2.3
630
1.5KE440A
418
462
1.0
376
5.0
2.3
600
NOTES :
179
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Numéro de pièce similaire - 1N6273

FabricantNo de pièceFiches techniqueDescription
logo
Transys Electronics
1N6273 TRSYS-1N6273 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chongqing Pingwei Enter...
1N6273 CHONGQING-1N6273 Datasheet
62Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6273 MDE-1N6273 Datasheet
399Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
1N6273 EIC-1N6273 Datasheet
27Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
GOOD-ARK Electronics
1N6273 GOOD-ARK-1N6273 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
More results

Description similaire - 1N6273

FabricantNo de pièceFiches techniqueDescription
logo
Dc Components
5KP50 DCCOM-5KP50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
5KP110A JINGHENG-5KP110A Datasheet
84Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P4KE6.8 GXELECTRONICS-P4KE6.8 Datasheet
334Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SA50 DCCOM-SA50 Datasheet
792Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
P6KE68 DCCOM-P6KE68 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
P4KE440 JINGHENG-P4KE440 Datasheet
88Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SMCJ50 DCCOM-SMCJ50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50 DCCOM-SMBJ50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 DCCOM-P4KE6.8 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPERESSOR
logo
Rectron Semiconductor
ESD5.0XM3 RECTRON-ESD5.0XM3 Datasheet
162Kb / 3P
   Low Clamping Voltage of Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com