Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4934G Fiches technique(PDF) 1 Page - Dc Components

No de pièce 1N4934G
Description  TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DCCOM [Dc Components]
Site Internet  http://www.dccomponents.com
Logo DCCOM - Dc Components

1N4934G Fiches technique(HTML) 1 Page - Dc Components

  1N4934G Datasheet HTML 1Page - Dc Components 1N4934G Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCAFKGA?I OMCAGDGA?PGLKOLD D?OP NCALRCNU EI?OO M?OOGR?PCB NCAPGDGCN
RLIP?EC N?KEC 1 83 ie 933 Rebih
AQNNCKP 1 423 ?cf[g[
DC?PQNCO
. F_]^ g[b_WX_b_in
. Iel b[WaW][
. Iel \eglWgZ kebiW][ Zgef
. EbWhh fWhh_kWi[Z `jdYi_ed
. F_]^ hl_iY^_d] YWfWX_b_in
JCAF?KGA?I B?P?
. AWh[= JebZ[Z fbWhi_Y
. Cfemn= QI <7R13 gWi[ \bWc[ g[iWgZWdi
. Jejdi_d] feh_i_ed= ?dn
. S[_]^i= 3268 ]gWc
J?TGJQJ N?PGKEO ?KB CICAPNGA?I AF?N?APCNGOPGAO
NWi_d]h Wi 58 eA WcX_[di i[cf[gWijg[ jdb[hh ei^[gl_h[ hf[Y_\_[Z2
O_d]b[ f^Wh[0 ^Wb\ lWk[0 93 Fo0 g[h_hi_k[ eg _dZjYi_k[ beWZ2
Deg YWfWY_i_k[ beWZ0 Z[gWi[ Yjgg[di Xn 53+2
4K7<66E
PFNQ
4K7<6:E
BL174
KLPCO = 42 P[hi AedZ_i_edh= GD > 328?0 GN>423?0 GNN>3258?
52 J[Whjg[Z Wi 4 JFV WdZ Wffb_[Z g[k[gh[ kebiW][ e\ 723 kebih
B_c[dh_edh _d _dY^[h WdZ ,c_bb_c[i[gh-
JWm_cjc N[Yjgg[di M[Wa N[k[gh[ RebiW][
JWm_cjc NJO RebiW][
JWm_cjc BA @beYa_d] RebiW][
JWm_cjc ?k[gW][ DeglWgZ N[Yi_\_[Z Ajgg[di
Wi P? >88eA
M[Wa DeglWgZ Ojg][ Ajgg[di ;26 ch h_d]b[ ^Wb\ h_d[1lWk[
hjf[g_cfeh[Z ed gWi[Z beWZ ,HCBCA J[i^eZ-
Pnf_YWb HjdYi_ed AWfWY_iWdY[ ,Kei[ 5-
Lf[gWi_d] WdZ OiegW][ P[cf[gWijg[ NWd][
OUJ@LI
RNNJ
RBA
GL
GDOJ
AH
PH0POPE
RNJO
Rebih
Rebih
Rebih
?cfh
423
63
48
198ie/483
?cfh
fD
3
A
QKGPO
83
533
733
933
433
68
473
5;3
753
:3
83
533
733
933
433
4K7<66E
4K7<68E
4K7<69E
4K7<6:E
4K7<67E
Wi NWi[Z BA @beYa_d] RebiW][ P? >58eA
JWm_cjc Djbb IeWZ N[k[gh[ Ajgg[di Djbb AnYb[
?k[gW][0 26:8p,<28cc- b[WZ b[d]i^ Wi P I >88eA
JWm_cjc N[k[gh[ N[Yek[gn P_c[ ,Kei[ 4-
RD
GN
igg
426
823
433
483
j?cfh
j?cfh
dO[Y
JWm_cjc BA N[k[gh[ Ajgg[di
JWm_cjc GdhiWdiWd[ejh DeglWgZ RebiW][ Wi 423? BA
Rebih
583
NCAPGDGCN OMCAG?IGOPO
N
DC COMPONENTS CO., LTD.
. I[WZ= JGI1OPB1535C0 J[i^eZ 53; ]jWgWdi[[Z
. MebWg_in= Aebeg XWdZ Z[dei[h YWi^eZ[ [dZ
~*+
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Numéro de pièce similaire - 1N4934G

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
1N4934G TSC-1N4934G Datasheet
376Kb / 4P
   Glass Passivated Fast Recovery Rectifiers
logo
Rectron Semiconductor
1N4934G RECTRON-1N4934G Datasheet
28Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
HY ELECTRONIC CORP.
1N4934G HY-1N4934G Datasheet
828Kb / 3P
   Fast Recovery Glass Passivated Recitifiers
logo
Jinan Gude Electronic D...
1N4934G JGD-1N4934G Datasheet
140Kb / 2P
   1.0 AMP . FAST RECOVERY RECTIFIERS
logo
Gulf Semiconductor
1N4934G GULFSEMI-1N4934G Datasheet
150Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
More results

Description similaire - 1N4934G

FabricantNo de pièceFiches techniqueDescription
logo
Dc Components
FR201G DCCOM-FR201G Datasheet
440Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR301G DCCOM-FR301G Datasheet
440Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR601G DCCOM-FR601G Datasheet
460Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR101G DCCOM-FR101G Datasheet
428Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR151G DCCOM-FR151G Datasheet
410Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
1N4001G DCCOM-1N4001G Datasheet
399Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
1N5400G DCCOM-1N5400G Datasheet
411Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
6A05G DCCOM-6A05G Datasheet
469Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
RL201G DCCOM-RL201G Datasheet
409Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
1N5391G DCCOM-1N5391G Datasheet
379Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com