Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N6267 Fiches technique(PDF) 1 Page - Dc Components

No de pièce 1N6267
Description  TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DCCOM [Dc Components]
Site Internet  http://www.dccomponents.com
Logo DCCOM - Dc Components

1N6267 Fiches technique(HTML) 1 Page - Dc Components

  1N6267 Datasheet HTML 1Page - Dc Components 1N6267 Datasheet HTML 2Page - Dc Components 1N6267 Datasheet HTML 3Page - Dc Components 1N6267 Datasheet HTML 4Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load,
For capacitive load, derate current by 20%.
1.5KE6.8
THRU
1.5KE440CA
DO-201
Dimensions in inches and (millimeters)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA suffix (e.g. 1.5KE6.8C, 1.5KE440CA)
Electrical characteristics apply in both directions
Steady State Power Dissipation at TL = 75
oC
Lead Lengths .375*( 9.5 mm ) ( Note 2 )
Peak Forward Surge Current, 8.3ms single half sine-wave
superimposed on rated load( JEDEC Method ) (Note 3)
Maximum Instantaneous Forward Voltage at 50A for
SYMBOL
IFSM
VF
TJ, TSTG
Volts
-55 to + 175
0 C
UNITS
unidirectional only ( Note 4 )
Amps
Peak Pulse Power Dissipation on 10/1000 us waveform
(Note1,FIG.1)
Minimum 1500
200
3.5/5.0
VALUE
Operating and Storage Temperature Range
PPPM
Watts
PM(AV)
Watts
5.0
VOLTAGE RANGE - 6.8 to 440 Volts
PEAK PULSE POWER - 1500 Watts
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
FEATURES
* Glass passivated junction
* 1500 Watts Peak Pulse Power capability on
10/1000 µs waveform
* Excellent clamping capability
* Low zener impedance
* Fast response time
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: MIL-STD-202E, Method 208 guaranteed
* Polarity: Color band denotes positive end (cathode)
except bidirectional types
* Mounting position: Any
* Weight: 1.2 gram
4. VF = 3.5V max. for devices of V(BR)
200V and VF = 5.0 V max. for devices of V(BR) > 200V.
NOTES :
2. Mounted on Copper Leaf area of 1.6 X 1.6"( 40 X 40mm ) per Fig. 5
1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25
oC per Fig.2.
3. 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
176
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Numéro de pièce similaire - 1N6267

FabricantNo de pièceFiches techniqueDescription
logo
Transys Electronics
1N6267 TRSYS-1N6267 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6267 MDE-1N6267 Datasheet
481Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1N6267 VISHAY-1N6267 Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
EIC discrete Semiconduc...
1N6267 EIC-1N6267 Datasheet
27Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Chongqing Pingwei Enter...
1N6267 CHONGQING-1N6267 Datasheet
62Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Description similaire - 1N6267

FabricantNo de pièceFiches techniqueDescription
logo
Dc Components
5KP50 DCCOM-5KP50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
5KP110A JINGHENG-5KP110A Datasheet
84Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P4KE6.8 GXELECTRONICS-P4KE6.8 Datasheet
334Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SA50 DCCOM-SA50 Datasheet
792Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
P6KE68 DCCOM-P6KE68 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
P4KE440 JINGHENG-P4KE440 Datasheet
88Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SMCJ50 DCCOM-SMCJ50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50 DCCOM-SMBJ50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 DCCOM-P4KE6.8 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPERESSOR
logo
Rectron Semiconductor
ESD5.0XM3 RECTRON-ESD5.0XM3 Datasheet
162Kb / 3P
   Low Clamping Voltage of Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com