Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRLR110ATF Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce IRLR110ATF
Description  $GYDQFHG 3RZHU 026)(7
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRLR110ATF Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  IRLR110ATF Datasheet HTML 1Page - Fairchild Semiconductor IRLR110ATF Datasheet HTML 2Page - Fairchild Semiconductor IRLR110ATF Datasheet HTML 3Page - Fairchild Semiconductor IRLR110ATF Datasheet HTML 4Page - Fairchild Semiconductor IRLR110ATF Datasheet HTML 5Page - Fairchild Semiconductor IRLR110ATF Datasheet HTML 6Page - Fairchild Semiconductor IRLR110ATF Datasheet HTML 7Page - Fairchild Semiconductor IRLR110ATF Datasheet HTML 8Page - Fairchild Semiconductor IRLR110ATF Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRLR/U110A
100
--
1.0
--
--
--
--
--
0.1
--
--
--
--
--
50
20
8
10
17
8
5.5
0.9
3.5
--
--
2.0
100
-100
10
100
0.44
--
235
65
25
25
30
45
25
8
--
--
3.2
180
--
--
--
85
0.23
4.7
16
1.5
--
--
Notes;
(1) Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature
(2) L=4mH, I
AS=4.7A, VDD=25V, RG=27, Starting TJ =25°C
(3) I
SD ≤ 5.6A, di/dt ≤ 250A/µs, VDD ≤ BVDSS , Starting TJ =25°C
(4) Pulse Test: Pulse Width = 250
µs, Duty Cycle ≤ 2%
(5) Essentially Independent of Operating Temperature
2
1&+$11(/
32:(5 026)(7
Electrical Characteristics (T
C=25°C unless otherwise specified)
Drain-Source Breakdown Voltage
Breakdown Voltage Temp. Coeff.
Gate Threshold Voltage
Gate-Source Leakage , Forward
Gate-Source Leakage , Reverse
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
Static Drain-Source
On-State Resistance
Forward Transconductance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Total Gate Charge
Gate-Source Charge
Gate-Drain ( Miller ) Charge
gfs
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
Qg
Qgs
Qgd
BVDSS
∆BV/∆T
J
VGS(th)
RDS(on)
IGSS
IDSS
V
V/
°C
V
nA
µA
pF
ns
nC
--
--
--
--
--
--
--
--
--
--
--
--
--
VGS=0V,ID=250µA
ID=250µA
See Fig 7
VDS=5V,ID=250µA
VGS=20V
VGS=-20V
VDS=100V
VDS=80V,TC=125°C
VGS=5V,ID=2.35A
(4)
VDS=40V,ID=2.35A
(4)
VDD=50V,ID=5.6A,
RG=12Ω
See Fig 13
(4) (5)
VDS=80V,VGS=5V,
ID=5.6A
See Fig 6 & Fig 12 (4) (5)
Drain-to-Source Leakage Current
VGS=0V,VDS=25V,f =1MHz
See Fig 5
Source-Drain Diode Ratings and Characteristics
Continuous Source Current
Pulsed-Source Current
(1)
Diode Forward Voltage
(4)
Reverse Recovery Time
Reverse Recovery Charge
IS
ISM
VSD
trr
Qrr
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
--
--
--
--
--
A
V
ns
µC
Integral reverse pn-diode
in the MOSFET
TJ=25°C,IS=4.7A,VGS=0V
TJ=25°C,IF=5.6A
diF/dt=100A/µs
(4)


Numéro de pièce similaire - IRLR110ATF

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
IRLR110A FAIRCHILD-IRLR110A Datasheet
272Kb / 9P
   Advanced Power MOSFET
logo
Inchange Semiconductor ...
IRLR110A ISC-IRLR110A Datasheet
373Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - IRLR110ATF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFP254A IRF-IRFP254A Datasheet
247Kb / 7P
   $GYDQFHG 3RZHU 026)(7
logo
CTS Corporation
026T419S101A1A1 CTS-026T419S101A1A1 Datasheet
2Mb / 4P
   Series 026 Data Sheet Rotary Potentiometer
logo
Molex Electronics Ltd.
1050170001 MOLEX11-1050170001 Datasheet
143Kb / 3P
   0.65mm (.026") Pitch Micro-USB B Receptacle
logo
Vishay Siliconix
CHPHR VISHAY-CHPHR Datasheet
112Kb / 7P
   ESCC 4001/026 Qualified High Stability Thick Film Resistor Chips
Revision: 19-Nov-14
logo
Molex Electronics Ltd.
0473460001 MOLEX6-0473460001 Datasheet
114Kb / 3P
   0.65mm (.026") Pitch Micro-USB B Receptacle, Bottom Mount, SMT, Lead Free
0475310011 MOLEX6-0475310011 Datasheet
114Kb / 3P
   2.00mm (.079") Pitch Battery Connector, SMT, Contact Width 0.67mm (.026"), with Mylar, 4 Circuits
logo
Vishay Siliconix
CHPFR VISHAY-CHPFR Datasheet
111Kb / 7P
   ESCC 4001/026 Qualified R Failure Rate High Precision Thick Film Chip Resistors
Revision: 19-Nov-14
logo
Molex Electronics Ltd.
0475900001 MOLEX6-0475900001 Datasheet
137Kb / 3P
   0.65mm (.026") Pitch Micro-USB AB Receptacle, Right Angle, Top Mount, SMT, Lead Free
0475890001 MOLEX6-0475890001 Datasheet
145Kb / 3P
   0.65mm (.026") Pitch Micro-USB AB Receptacle, Right Angle, Bottom Mount, SMT, Lead Free
0476150001 MOLEX6-0476150001 Datasheet
131Kb / 3P
   2.00mm (.079") Pitch Battery Connector, SMT, Contact Width 0.67mm (.026"), 4 Circuits, Lead-free
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com