Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU-2243-D-48-2 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce BU-2243-D-48-2
Description  Shrouded Right Angle Banana Plug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

BU-2243-D-48-2 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-2243-D-48-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Shrouded Right Angle Banana Plug, The stainless steel probe is Teflon
insulated except for the working end to prevent unwanted contact with other
components that may be in the way
• Material: Needle: Stainless steel; Banana Plug: Nickel-plated brass;
Housing: ABS;
Hook-up wire: #18 AWG (65/36) tinned copper with 90°C
PVC insulation;
• ** Length: 53.5 ”(1.36m); Wire length: 48”(1.22m)
• * Std. Colors: -0 Black -2 Red
• Rating: 600V Category II, 20 Amps
• RoHS Compliant
Part Number:
BU-2243-D-48-*
Description: Shrouded Right Angle Banana
Plug
3007


Numéro de pièce similaire - BU-2243-D-48-2

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BU-2241-D-48-0 ETC2-BU-2241-D-48-0 Datasheet
64Kb / 1P
   Multiple Feature Test Prod to Right Angle Shrouded Banana Plug
BU-2241-D-48-2 ETC2-BU-2241-D-48-2 Datasheet
64Kb / 1P
   Multiple Feature Test Prod to Right Angle Shrouded Banana Plug
More results

Description similaire - BU-2243-D-48-2

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BU-6162-M-72-0 ETC2-BU-6162-M-72-0 Datasheet
65Kb / 1P
   Right Angle Shrouded Banana Plug to Shrouded Banana Plug -Silicone
BU-6162-M-24-0 ETC2-BU-6162-M-24-0 Datasheet
65Kb / 1P
   Right Angle Shrouded Banana Plug to Shrouded Banana Plug -Silicone
BU-2241-D-48-0 ETC2-BU-2241-D-48-0 Datasheet
64Kb / 1P
   Multiple Feature Test Prod to Right Angle Shrouded Banana Plug
BU-32603-0 ETC2-BU-32603-0 Datasheet
50Kb / 1P
   Cable Mountable 4mm Shrouded Banana Plug
logo
Pomona Electronics
2864 POMONA-2864 Datasheet
21Kb / 1P
   Stacking Right Angle Banana Plug Each End
6244 POMONA-6244 Datasheet
71Kb / 1P
   Test Clip to Right Angle Sheathed Banana Plug
logo
List of Unclassifed Man...
BU-6161-M-24-0 ETC2-BU-6161-M-24-0 Datasheet
65Kb / 1P
   Shrouded Banana Plug on Both Ends-Silicone
logo
Pomona Electronics
6483 POMONA-6483 Datasheet
38Kb / 1P
   Telecom 5 Way Alligator to Right Angle Banana Plug
6485 POMONA-6485 Datasheet
41Kb / 1P
   Telecom Bed of Nails to Right Angle Banana Plug
logo
List of Unclassifed Man...
BU-4062-M-39-0 ETC2-BU-4062-M-39-0 Datasheet
54Kb / 1P
   Shrouded Banana Plug to Safety Test Prob - Silicone
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com