Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


DLW43S Datasheet(Fiches technique) 91 Page - Murata Manufacturing Co., Ltd.

Numéro de pièce DLW43S
Description  On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
Télécharger  93 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo 

 
 91 page
background image
Principles of Noise Suppression by DC EMIFILr
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
89
7. Characteristics of Inductors Used
in EMI Suppression Filters
General-purpose inductors also function to suppress
noise when configured in series with a noise producing
circuit. However, when general-purpose inductors are
used, resonance may result in peripheral circuits, signal
wave forms may become distorted, and satisfactory
impedance may not be obtained at noise frequencies
(due to insufficient high frequency impedance
characteristics).
The inductors used for Murata's EMI suppression filters
are designed to function nearly as a resistor at noise
frequencies, which greatly reduces the possibility of
resonance and leaves signal wave forms undistorted.
And since sufficient impedance is obtained for
frequencies ranging to hundreds of MHz, these
specifically designed inductors operate effectively to
suppress high-frequency noise. (See Fig.)
8. Capacitive-Inductive EMI Suppression Filters
If capacitive and inductive suppression characteristics are
combined, it is possible to configure a much higher
performance filter. In signal circuit applications where this
combination is applied, noise suppression effects which
have little influence on the signal wave form become
possible.
This type of filter is also effective in the suppression of
high-speed signal circuit noise. When used in DC power
circuits, capacitive-inductive filters prevent resonance
from occurring in peripheral circuits, thus making it
possible to achieve significant noise suppression under
normal service conditions.
Equivalent Circuit
(Resistance element becomes dominant at high frequency.)
Example of impedance frequency characteristics of
inductor type EMIFILr
BLM18AG102
9. Other EMI Suppression Filters
In addition to the capacitive-inductive filter, Murata also
has a common mode choke coil, effective for common
mode noise suppression.
Murata also has a range of built-in filter connectors which
greatly reduce filter mounting space requirements.
Continued from the preceding page.
Continued on the following page.
R(f)
1200
900
600
300
0
1
10
100
1000
Frequency (MHz)
Z
R
X
C50E.pdf
Aug.28,2008




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl