Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLW43S Fiches technique(PDF) 87 Page - Murata Manufacturing Co., Ltd.

No de pièce DLW43S
Description  On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLW43S Fiches technique(HTML) 87 Page - Murata Manufacturing Co., Ltd.

Back Button DLW43S Datasheet HTML 83Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 84Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 85Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 86Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 87Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 88Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 89Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 90Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 91Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 93 page
background image
Outlines of Major Noise Regulation Standards
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
85
C50E.pdf
Aug.28,2008
(1) Class A recommended to be measured with 10m distance.
Class B recommended to be measured with 3m distance.
(2) The FCC Part 15 regulation controls radiated interference
by establishing quasi-peak and mean value limits for fre-
quencies ranging from 30MHz to 40GHz (or maximum
frequency's fifth harmonic, whichever is lower).
For AC main ports, the FCC Part 15 regulation controls
main terminal interference voltage by establishing quasi-
peak value limits for frequencies ranging from 450kHz to
30MHz.
(3)There is no regulation on power interference.
On the border frequency, lower limit should be applied.
Class A Equipment: The digital equipment that is sold for
commercial, industrial and office use.
Class B Equipment: The digital equipment that is sold to be
used in residential areas.
Radiated Interference
FCC Regulations
Part 1
Procedures
Part 2
Frequency Division and Radio Wave Treaty Issues and
General Rules
Part 15 Radio Wave Equipment
• Intentionally electromagnetic radiation equipment
• Non-intentionally electromagnetic radiation equipment
• Incidentally electromagnetic radiation equipment
Part 18 Industrial, Scientific and Medical Equipment
Part 22 Public Mobile Wireless Operations
Part 68 Connecting Terminal Equipment to Telephone Circuit Network
Part 76 Cable Television
Maximum Frequency
the Equipment Internally
Generates, Uses or Operates
or Synchronizes (MHz)
Less than 1.705
Over 1000
500 to 1000
108 to 500
1.705 to 108
Maximum Frequency's Fifth
Harmonic or 40GHz,
Whichever is Lower
30
5000
2000
1000
Upper End of Measurement
Frequency Range
(MHz)
Measurement Frequency Range for Radiated Interference
5. Limits of FCC Part 15 Subpart B
Continued from the preceding page.
Continued on the following page.
30
10M
30M
100M
88M
216M
1G
960M
60
54
46
56.9
49.5
54
43.5
40
50
70
90
Frequency (Hz)
Class A
Class B
Noise level is regulated up to lower
frequency of the 5th harmonics of
maximum signal frequency and 40GHz.
30
10k
100k 150k 500k 1M
5M 10M
30M 100M
50
90
70
66
56
79
56
46
73
60
50
Class A Quasi-peak value
Class A Mean value
Frequency (Hz)
Class B Mean value
Class B Quasi-peak value
Main Terminal Interference Voltage (Power Supply)


Numéro de pièce similaire - DLW43S

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DLW43SH101XK2 MURATA-DLW43SH101XK2 Datasheet
214Kb / 3P
   Operating Temperature Range
logo
Murata Manufacturing Co...
DLW43SH101XK2 MURATA1-DLW43SH101XK2 Datasheet
329Kb / 3P
   Small size: L4.5xW3.2xT2.6mm (EIA code: 1812) Tolerance: 0.2mm
Last updated07/26/2022
DLW43SH101XK2B MURATA1-DLW43SH101XK2B Datasheet
329Kb / 3P
   Small size: L4.5xW3.2xT2.6mm (EIA code: 1812) Tolerance: 0.2mm
Last updated07/26/2022
DLW43SH101XK2K MURATA1-DLW43SH101XK2K Datasheet
329Kb / 3P
   Small size: L4.5xW3.2xT2.6mm (EIA code: 1812) Tolerance: 0.2mm
Last updated07/26/2022
logo
Murata Manufacturing Co...
DLW43SH101XK2L MURATA-DLW43SH101XK2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
More results

Description similaire - DLW43S

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
BLM31PG330SN1 MURATA-BLM31PG330SN1 Datasheet
290Kb / 18P
   On-Board Type (DC) EMI Suppression Filters
logo
List of Unclassifed Man...
BL01RN ETC1-BL01RN Datasheet
2Mb / 163P
   On-Board Type (DC) EMI Suppression Filters
logo
Murata Manufacturing Co...
DSN9 MURATA-DSN9 Datasheet
357Kb / 3P
   On-Board Type (DC) EMI Suppression Filters
NFM18C MURATA-NFM18C Datasheet
79Kb / 4P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFL18ST MURATA-NFL18ST Datasheet
63Kb / 3P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFE61HT102F2A9L MURATA-NFE61HT102F2A9L Datasheet
62Kb / 2P
   For Automotive EMIFILr (Capacitor type) for Automotive
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com