Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLW43S Fiches technique(PDF) 85 Page - Murata Manufacturing Co., Ltd.

No de pièce DLW43S
Description  On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLW43S Fiches technique(HTML) 85 Page - Murata Manufacturing Co., Ltd.

Back Button DLW43S Datasheet HTML 81Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 82Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 83Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 84Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 85Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 86Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 87Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 88Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 89Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 93 page
background image
Outlines of Major Noise Regulation Standards
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
83
C50E.pdf
Aug.28,2008
Regulation
CISPR 22/
EN55022
Radiated Interference
Horizontal Pol. Vertical Pol.
30M to 1GHz
Quasi-Peak Detection
Antenna
Artificial Main Network
Antenna
Artificial Main Network
Dipole Antenna
Artificial Main Network
Quasi-Peak Detection
Quasi-Peak Detection Mean Detection
Quasi-Peak Detection Mean Detection
Quasi-Peak Detection
Quasi-Peak Detection Mean Detection
150k to 30MHz
Peak
UQuasi-PeakUAverage
(Qp)
30M to 40GHz
150k to 30MHz
30M to 1GHz
150k to 30MHz
AC Main Ports
Horizontal Pol. Vertical Pol.
AC Main Ports
Horizontal Pol. Vertical Pol.
AC Main Ports
Main Interference Voltage
Radiated Interference
Main Interference Voltage
Radiated Interference
Main Interference Voltage
VCCI
FCC Part 15
Measuring Item
Polarization and Measuring Point
Frequency (Hz)
Detection
Measuring Devices
2. Measurement Point and Noise Detection
3. Limits of CISPR 22/EN55022
(1) CISPR 22 recommends measurement at 10m distance.
However, other distance is acceptable if the limitation is
converted according to the following calculation.
Limitation shown left is converted to limitation for 3m
distance.
Conversion
Main Terminal Interference Voltage (Power Supply)
Radiated Interference
Short Repetition Period
Long Repetition Period
V
t
Peak Detection
Quasi-Peak Detection
Average Detection
Limitation for
3m Distance
R3 (dB
µ V/m)
r3 (
µ V/m)
R3=20 log r3
R3=R10+20 (1-log3)
r3 = 10 r10
3
Limitation for
10m Distance
R10 (dB
µ V/m)
r10 (
µ V/m)
R10=20 log r10
79
30
10k
100k 150k 500k 1M
5M 10M
30M 100M
50
70
90
66
56
56
46
73
60
50
Frequency (Hz)
Class A Quasi-peak value
Class A Mean value
Class B Quasi-peak value
Class B Mean value
30
10M
30M
100M
230M
1G
57
47
50
40
50
90
Class A
Class B
Frequency (Hz)
On the border frequency, lower limit should be applied.
Class A Equipment: The equipment which is used in light
industrial commercial areas.
Class B Equipment: The equipment which is used in
residential areas.
Continued from the preceding page.
V
t
Peak Detection
Quasi-Peak Detection
Average Detection
70
Continued on the following page.


Numéro de pièce similaire - DLW43S

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DLW43SH101XK2 MURATA-DLW43SH101XK2 Datasheet
214Kb / 3P
   Operating Temperature Range
logo
Murata Manufacturing Co...
DLW43SH101XK2 MURATA1-DLW43SH101XK2 Datasheet
329Kb / 3P
   Small size: L4.5xW3.2xT2.6mm (EIA code: 1812) Tolerance: 0.2mm
Last updated07/26/2022
DLW43SH101XK2B MURATA1-DLW43SH101XK2B Datasheet
329Kb / 3P
   Small size: L4.5xW3.2xT2.6mm (EIA code: 1812) Tolerance: 0.2mm
Last updated07/26/2022
DLW43SH101XK2K MURATA1-DLW43SH101XK2K Datasheet
329Kb / 3P
   Small size: L4.5xW3.2xT2.6mm (EIA code: 1812) Tolerance: 0.2mm
Last updated07/26/2022
logo
Murata Manufacturing Co...
DLW43SH101XK2L MURATA-DLW43SH101XK2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
More results

Description similaire - DLW43S

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
BLM31PG330SN1 MURATA-BLM31PG330SN1 Datasheet
290Kb / 18P
   On-Board Type (DC) EMI Suppression Filters
logo
List of Unclassifed Man...
BL01RN ETC1-BL01RN Datasheet
2Mb / 163P
   On-Board Type (DC) EMI Suppression Filters
logo
Murata Manufacturing Co...
DSN9 MURATA-DSN9 Datasheet
357Kb / 3P
   On-Board Type (DC) EMI Suppression Filters
NFM18C MURATA-NFM18C Datasheet
79Kb / 4P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFL18ST MURATA-NFL18ST Datasheet
63Kb / 3P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFE61HT102F2A9L MURATA-NFE61HT102F2A9L Datasheet
62Kb / 2P
   For Automotive EMIFILr (Capacitor type) for Automotive
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com