Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


DLW43S Datasheet(Fiches technique) 80 Page - Murata Manufacturing Co., Ltd.

Numéro de pièce DLW43S
Description  On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
Télécharger  93 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo 

 80 page
background image
Chip EMI Suppression Filter Design Kits
1
Continued on the following page.
Part Number
No.
DC Resistance
(
Ω) max.
Rated Current
(mA)
Impedance typ. (at 100MHz, 20
°C)
(
Ω)
Quantity
(pcs.)
BLM15AG601SH1
BLM15AG102SH1
BLM15BB050SH1
BLM15BB100SH1
BLM15BB220SH1
BLM15BB470SH1
BLM15BB750SH1
BLM15BB121SH1
BLM15BB221SH1
BLM15BD471SH1
BLM15BD601SH1
BLM15BD102SH1
BLM15BD182SH1
5
6
7
8
9
10
11
12
13
14
15
16
17
1
2
3
4
10
10
10
10
10
10
10
10
10
10
10
10
10
600
±25%
1000
±25%
5
±25%
10
±25%
22
±25%
47
±25%
75
±25%
120
±25%
220
±25%
470
±25%
600
±25%
1000
±25%
1800
±25%
300
200
500
300
300
300
300
300
200
200
200
200
200
0.6
1.0
0.08
0.1
0.2
0.35
0.4
0.55
0.8
0.6
0.65
0.9
1.4
BLM15AG100SH1
BLM15AG700SH1
BLM15AG121SH1
BLM15AG221SH1
10
10
10
10
10 (Typ.)
70 (Typ.)
120
±25%
220
±25%
1000
500
500
300
0.05
0.15
0.25
0.35
oEKEMAT15B (Chip Ferrite Beads 0402 Size for Automotive)
Part Number
No.
DC Resistance
(
Ω) max.
Rated Current
(mA)
Impedance typ.
(at 100MHz, 20
°C)
(
Ω)
Impedance typ.
(at 1GHz, 20
°C)
(
Ω)
Quantity
(pcs.)
BLM18AG121SH1
BLM18AG151SH1
BLM18AG221SH1
BLM18AG331SH1
BLM18AG471SH1
BLM18AG601SH1
BLM18AG102SH1
BLM18BA050SH1
BLM18BA100SH1
BLM18BA220SH1
BLM18BA470SH1
BLM18BA750SH1
BLM18BA121SH1
BLM18BB050SH1
BLM18BB100SH1
BLM18BB220SH1
BLM18BB470SH1
BLM18BB600SH1
BLM18BB750SH1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
120
±25%
150
±25%
220
±25%
330
±25%
470
±25%
600
±25%
1000
±25%
5
±25%
10
±25%
22
±25%
47
±25%
75
±25%
120
±25%
5
±25%
10
±25%
22
±25%
47
±25%
60
±25%
75
±25%
500
500
500
500
500
500
400
500
500
500
300
300
200
700
700
600
550
550
500
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.18
0.25
0.25
0.30
0.35
0.38
0.50
0.2
0.25
0.35
0.55
0.7
0.9
0.05
0.10
0.20
0.25
0.25
0.30
oEKEMAT18C (Chip Ferrite Beads 0603 Size for Automotive)
Design Kits
78
4
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
C50E.pdf
Aug.28,2008




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl