Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLW43S Fiches technique(PDF) 70 Page - Murata Manufacturing Co., Ltd.

No de pièce DLW43S
Description  On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLW43S Fiches technique(HTML) 70 Page - Murata Manufacturing Co., Ltd.

Back Button DLW43S Datasheet HTML 66Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 67Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 68Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 93 page
background image
DLW43S
oReflow Soldering
∗ 1 : If the pattern is made with wider than 3.4mm, it may result
in components turning around, because melting speed is
different. In the worst case, short circuit between lines
may be occur.
∗ 2 : If the pattern is made with less than 1.6mm, in the worst
case, short circuit between lines may occur due to the
spread of soldering paste or mount placing accuracy.
∗ 3 : If the pattern is made with wider, the strength of bending
will be reduced.
Do not use gilded pattern; excess soldering heat may dissolve
metal of a copper wire.
Land Pattern
Land Pattern
+ Solder Resist
Solder Resist
(in mm)
Continued from the preceding page.
Continued on the following page.
DLW43SH510XK2
3.0
DLW43SH101XK2
DLW43SH101XP2
3.2
Series
a
a
∗3
5.9
DLW31S
oReflow Soldering
∗ 1 : If the pattern is made with wider than 1.6mm (DLW31S) it
may result in components turning around, because
melting speed is different. In the worst case, short circuit
between lines may occur.
∗ 2 : If the pattern is made with less than 0.4mm, in the worst
case, short circuit between lines may occur due to spread
of soldering paste or mount placing accuracy.
∗ 3 : If the pattern is made with wider than 1.6mm (DLW31S),
the bending strength will be reduced.
Do not use gilded pattern; excess soldering heat may dissolve
metal of a copper wire.
DLW31S
1.6
0.4
Series
a
1.6
d
3.7
b
c
a
∗3
b
2. Solder Paste Printing and Adhesive Application
BLM15
BLM18
BLM21
BLM31
BLM41
Coating amount is illustrated in the
following diagram.
When reflow soldering the chip EMI suppression filter, the
printing must be conducted in accordance with the
following cream solder printing conditions.
If too much solder is applied, the chip will be prone to
damage by mechanical and thermal stress from the PCB
and may crack. In contrast, if too little solder is applied,
there is the potential that the termination strength will be
insufficient, creating the potential for detachment.
Standard land dimensions should be used for resist and
copper foil patterns.
When flow soldering the EMI suppression filter, apply the
adhesive in accordance with the following conditions.
If too much adhesive is applied, then it may overflow into
the land or termination areas and yield poor solderability.
In contrast, if insufficient adhesive is applied, or if the
adhesive is not sufficiently hardened, then the chip may
become detached during flow soldering process.
(in mm)
oEnsure that solder is applied smoothly to a
minimum height of 0.2mm to 0.3mm at the end
surface of the part.
oCoat the solder paste a thickness: 100-200
µm
a:20
−70µm
b:30
−35µm
c:50
−105µm
c
a
b
Chip Solid Inductor
Bonding agent
Land
PCB
Series
Solder Paste Printing
Adhesive Application
Chip EMIFILr (Soldering and Mounting)
68
4
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
C50E.pdf
Aug.28,2008


Numéro de pièce similaire - DLW43S

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DLW43SH101XK2 MURATA-DLW43SH101XK2 Datasheet
214Kb / 3P
   Operating Temperature Range
logo
Murata Manufacturing Co...
DLW43SH101XK2 MURATA1-DLW43SH101XK2 Datasheet
329Kb / 3P
   Small size: L4.5xW3.2xT2.6mm (EIA code: 1812) Tolerance: 0.2mm
Last updated07/26/2022
DLW43SH101XK2B MURATA1-DLW43SH101XK2B Datasheet
329Kb / 3P
   Small size: L4.5xW3.2xT2.6mm (EIA code: 1812) Tolerance: 0.2mm
Last updated07/26/2022
DLW43SH101XK2K MURATA1-DLW43SH101XK2K Datasheet
329Kb / 3P
   Small size: L4.5xW3.2xT2.6mm (EIA code: 1812) Tolerance: 0.2mm
Last updated07/26/2022
logo
Murata Manufacturing Co...
DLW43SH101XK2L MURATA-DLW43SH101XK2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
More results

Description similaire - DLW43S

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
BLM31PG330SN1 MURATA-BLM31PG330SN1 Datasheet
290Kb / 18P
   On-Board Type (DC) EMI Suppression Filters
logo
List of Unclassifed Man...
BL01RN ETC1-BL01RN Datasheet
2Mb / 163P
   On-Board Type (DC) EMI Suppression Filters
logo
Murata Manufacturing Co...
DSN9 MURATA-DSN9 Datasheet
357Kb / 3P
   On-Board Type (DC) EMI Suppression Filters
NFM18C MURATA-NFM18C Datasheet
79Kb / 4P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFL18ST MURATA-NFL18ST Datasheet
63Kb / 3P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFE61HT102F2A9L MURATA-NFE61HT102F2A9L Datasheet
62Kb / 2P
   For Automotive EMIFILr (Capacitor type) for Automotive
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com