Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLW43S Fiches technique(PDF) 69 Page - Murata Manufacturing Co., Ltd.

No de pièce DLW43S
Description  On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLW43S Fiches technique(HTML) 69 Page - Murata Manufacturing Co., Ltd.

Back Button DLW43S Datasheet HTML 65Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 66Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 67Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 68Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. DLW43S Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 93 page
background image
1. Standard Land Pattern Dimensions
BLM15∗1
BLM18∗2
(Except 18PG)
BLM21
(Except 21PG)
BLM31
(Except 31PG)
Reflow
Flow
Reflow
Flow/
Reflow
Flow/
Reflow
Type
0.4
0.7
1.2
2.0
a
1.2-1.4
2.2-2.6
1.8-2.0
3.0-4.0
4.2-5.2
b
Soldering
0.5
0.7
1.0
1.2
c
oReflow and Flow
BLM Series (Except BLMppP series)
BLMppP
Type
Land pad thickness
and dimension d
Rated
Current
(A)
a
Flow
2.2-2.6
Reflow
1.8-2.0
3.0-4.0
4.2-5.2
5.5-6.5
b
c
18
µm 35µm 70µm
Flow/
Reflow
Soldering
BLM15
BLM18
BLM21
BLM31
BLM41
a
b
Land Pattern
Land Pattern
+ Solder Resist
Solder Resist
a
b
(in mm)
• Do not apply narrower pattern than listed above to BLMppP.
Narrow pattern can cause excessive heat or open circuit.
1 BLM15 is specially adapted for reflow soldering.
Continued on the following page.
BLM18PG
BLM21PG
BLM31PG
BLM41PG
0.5-1.5
2
3
1.5
2
3
6
1.5/2
3
6
1-2
3
6
0.7
1.0
1.2
0.7
1.2
2.0
3.0
0.7
1.2
2.4
1.0
1.2
2.4
6.4
1.2
2.4
6.4
1.2
2.4
6.4
0.7
0.7
1.2
1.0
1.0
1.2
3.3
1.2
1.2
3.3
1.2
1.2
3.3
0.7
0.7
0.7
1.0
1.0
1.0
1.65
1.2
1.2
1.65
1.2
1.2
1.65
o Reflow Soldering
NFM21H
NFM21H
• NFM21 is specially adapted for reflow soldering.
Part Number
Size (mm)
Chip mounting side
The chip EMI filter suppresses noise by conducting the high-
frequency noise to ground. Therefore, to get enough noise
reduction, feed through holes which are connected to ground-
plane should be arranged according to the figure to reinforce
the ground pattern.
0.6
1.4
d
0.8
e
1.9
f
2.3
g
0.6
a
b
2.6
c
Small diameter thru hole ø0.4
a
b
c
NFE61H
o Reflow Soldering
o Flow Soldering (Except NFE61HT332)
2.0
4.8
8.8
Small diameter thru hole ø0.4
Chip mounting side
Small diameter thru hole ø0.4
3.8
4.8
9.0
1.5
Chip mounting side
2
BLM18A_WH series
is designed for
conductive glue
mounting method,
not for normal
soldering method.
Please contact us
for applicable
mounting method for
BLM18A_WH series.
Chip EMIFILr (Soldering and Mounting)
67
4
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
C50E.pdf
Aug.28,2008


Numéro de pièce similaire - DLW43S

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DLW43SH101XK2 MURATA-DLW43SH101XK2 Datasheet
214Kb / 3P
   Operating Temperature Range
logo
Murata Manufacturing Co...
DLW43SH101XK2 MURATA1-DLW43SH101XK2 Datasheet
329Kb / 3P
   Small size: L4.5xW3.2xT2.6mm (EIA code: 1812) Tolerance: 0.2mm
Last updated07/26/2022
DLW43SH101XK2B MURATA1-DLW43SH101XK2B Datasheet
329Kb / 3P
   Small size: L4.5xW3.2xT2.6mm (EIA code: 1812) Tolerance: 0.2mm
Last updated07/26/2022
DLW43SH101XK2K MURATA1-DLW43SH101XK2K Datasheet
329Kb / 3P
   Small size: L4.5xW3.2xT2.6mm (EIA code: 1812) Tolerance: 0.2mm
Last updated07/26/2022
logo
Murata Manufacturing Co...
DLW43SH101XK2L MURATA-DLW43SH101XK2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
More results

Description similaire - DLW43S

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
BLM31PG330SN1 MURATA-BLM31PG330SN1 Datasheet
290Kb / 18P
   On-Board Type (DC) EMI Suppression Filters
logo
List of Unclassifed Man...
BL01RN ETC1-BL01RN Datasheet
2Mb / 163P
   On-Board Type (DC) EMI Suppression Filters
logo
Murata Manufacturing Co...
DSN9 MURATA-DSN9 Datasheet
357Kb / 3P
   On-Board Type (DC) EMI Suppression Filters
NFM18C MURATA-NFM18C Datasheet
79Kb / 4P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFL18ST MURATA-NFL18ST Datasheet
63Kb / 3P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFE61HT102F2A9L MURATA-NFE61HT102F2A9L Datasheet
62Kb / 2P
   For Automotive EMIFILr (Capacitor type) for Automotive
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com