Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU-00285 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce BU-00285
Description  Insulated Mini-Alligator Lead Set
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

BU-00285 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-00285 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Insulated Mini-Alligator Lead Set
• Material: Clip: nickel-plated steel with PVC insulator; Hook-up Wire: #22
(19/34) AWG copper with 105°C PVC insulation
• Length: 18”(.46 m)
• Colors: Includes 2 each: Black, Red, Yellow, Green, White
Rating: Hands free testing at 300V, 5 Amps
Part Number:
BU-00285
Description:
Insulated Mini-Alligator
Lead Set
2907


Numéro de pièce similaire - BU-00285

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BU-00281-0 ETC2-BU-00281-0 Datasheet
52Kb / 1P
   Slim-Line Five Way Binding Post- Threaded
BU-00281-2 ETC2-BU-00281-2 Datasheet
52Kb / 1P
   Slim-Line Five Way Binding Post- Threaded
BU-00282-0 ETC2-BU-00282-0 Datasheet
50Kb / 1P
   Five-Way Binding Post
BU-00282-2 ETC2-BU-00282-2 Datasheet
50Kb / 1P
   Five-Way Binding Post
BU-00283 ETC2-BU-00283 Datasheet
51Kb / 1P
   Dual Five Way Binding Post
More results

Description similaire - BU-00285

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BU-00286 ETC2-BU-00286 Datasheet
63Kb / 1P
   Insulated Alligator Lead Set
BU-00287 ETC2-BU-00287 Datasheet
63Kb / 1P
   Insulated Alligator Lead Set
BU-109-0 ETC2-BU-109-0 Datasheet
306Kb / 1P
   Mini Insulated Alligator Clip.
BU-3131-A-60-0 ETC2-BU-3131-A-60-0 Datasheet
64Kb / 1P
   Insulated Mini-Alligator Clip on Both Ends
BU-5231-A-4-0 ETC2-BU-5231-A-4-0 Datasheet
113Kb / 1P
   BNC Female Breakout Insulated Mini-Alligator Clips
BU-3131-A-12-0 ETC2-BU-3131-A-12-0 Datasheet
64Kb / 1P
   Insulated Mini-Alligator Clip on Both Ends
BU-3131-A-24-0 ETC2-BU-3131-A-24-0 Datasheet
64Kb / 1P
   Insulated Mini-Alligator Clip on Both Ends
BU-3131-A-48-0 ETC2-BU-3131-A-48-0 Datasheet
64Kb / 1P
   Insulated Mini-Alligator Clip on Both Ends
BU-3131-A-36-0 ETC2-BU-3131-A-36-0 Datasheet
64Kb / 1P
   Insulated Mini-Alligator Clip on Both Ends
BU-5131-A-4-0 ETC2-BU-5131-A-4-0 Datasheet
93Kb / 1P
   BNC Male Breakout Insulated Mini-Alligator Clips
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com