Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU-00226-0 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce BU-00226-0
Description  Banana Plug With 8-32 Thread
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

BU-00226-0 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-00226-0 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Banana Plug With 8-32 Thread
• Nine leaf cage spring 4 mm banana plug
• Material: Banana Plug: nickel-plated brass body; Spring: nickel-plated
phosphor copper; Insulator: ABS
• Length: 1.66” (42.13 mm)
• *Std. Colors: -0 Black, -2 Red
• Rating: 1000 Volts, 15 Amps (hands free)
• RoHS Compliant
Part Number:
BU-00226- *
Description:
Banana Plug With 8-32 Thread
2208


Numéro de pièce similaire - BU-00226-0

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BU-00201-0 ETC2-BU-00201-0 Datasheet
49Kb / 1P
   Plunger Clip
BU-00201-2 ETC2-BU-00201-2 Datasheet
49Kb / 1P
   Plunger Clip
BU-00202-0 ETC2-BU-00202-0 Datasheet
49Kb / 1P
   Plunger Clip
BU-00202-2 ETC2-BU-00202-2 Datasheet
49Kb / 1P
   Plunger Clip
BU-00203-0 ETC2-BU-00203-0 Datasheet
49Kb / 1P
   Plunger Clip
More results

Description similaire - BU-00226-0

FabricantNo de pièceFiches techniqueDescription
logo
Pomona Electronics
3265 POMONA-3265 Datasheet
38Kb / 1P
   Standard Banana Plug with #6-32 or #8-32 Screw
logo
List of Unclassifed Man...
BU-26106-0 ETC2-BU-26106-0 Datasheet
48Kb / 1P
   Insulated plug-On Test Prod With 8-32 Thread
BU-P5170-0 ETC2-BU-P5170-0 Datasheet
195Kb / 1P
   Banana Plug
BU-P72918 ETC2-BU-P72918 Datasheet
658Kb / 1P
   Banana Plug with M3 Stud
logo
Adam Technologies, Inc.
BP-003 ADAM-TECH-BP-003 Datasheet
57Kb / 1P
   BANANA PLUG
logo
List of Unclassifed Man...
BU-P5169-0 ETC2-BU-P5169-0 Datasheet
196Kb / 1P
   Banana Plug
logo
Pomona Electronics
3261 POMONA-3261 Datasheet
21Kb / 1P
   Standard Rivet Type Banana Plug With Turret For 3/32??Thick Panel
3014 POMONA-3014 Datasheet
26Kb / 1P
   Stacking Banana Plug To Miniature Stacking Banana Plug
1368 POMONA-1368 Datasheet
39Kb / 1P
   Double Banana Plug To Single Banana Plug Breakouts
logo
List of Unclassifed Man...
BU-26103-0 ETC2-BU-26103-0 Datasheet
210Kb / 1P
   Test Probe with 4mm Banana Plug
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com