Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LM-LP-1002L Fiches technique(PDF) 1 Page - Bourns Electronic Solutions

No de pièce LM-LP-1002L
Description  LM-NP/-LP 1000 Series - Line Matching Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

LM-LP-1002L Fiches technique(HTML) 1 Page - Bourns Electronic Solutions

  LM-LP-1002L Datasheet HTML 1Page - Bourns Electronic Solutions LM-LP-1002L Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Fully encapsulated
Low profile
High dielectric strength
Ten models available
Ex stock
Competitively priced
RoHS compliant*
Applications
Line matching
Fax modem
LM-NP/-LP 1000 Series - Line Matching Transformers
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
Note
The LM-NP/-LP-1000 Series Line
Matching Transformers meet the return
loss specifications of BS 6305.
It is important, however, to use the
circuit recommended by BS 6305 for
return loss measurements.
The LM-NP-1000 Series are EN 41003
approved.
How To Order
LM-xP-100x0xx L
Model
Termination
L = Tin only (RoHS Compliant)
DIMENSIONS:
MM
(INCHES)
Product Dimensions
WHITE MARK
43 2 1
567 8
LM-NP SERIES
LM-LP SERIES
and LM-NP-1001-B1
*:pitch = 1/10 " = 2.54 (.100) (for number of pins see pin assignment)
17.7 + 0.2
(.700 + .008)
17.7 + 0.2
(.700 + .008)
DIA
0.6
(.023)
2.5
(.100)
2.5
(.100)
12.7 + 0.15
(.500 + .006)
3.0
(.118)
3.0
(.118)
5.04
(.200)
12.6 + 0.2
(.496 + .008)
10.5 + 0.2
(.413 + .008)
3.2 ± 0.8
(.126 ± .031)
5.04
(.200)
* * *
Pin Assignment and Winding Configurations (Bottom View)
LM-NP-1001-B1L
LM-LP-1001L
LM-NP-1002L
LM-LP-1002L
LM-NP-1003L
LM-LP-1003L
LM-NP-1004L
LM-LP-1004L
LM-NP-1005L
LM-LP-1005L
one-winding
center-tapped*
one winding
split*
both windings
center-tapped
both windings
split
* Due to the unique design and the most advanced manufacturing techniques the 2 coils are fully identical, meaning there is no real
primary nor secondary winding. Depending on the application, the transformers can be used either way.


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn