Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU-20433-2 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce BU-20433-2
Description  Right Angle Insulated Clamp Clip
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

BU-20433-2 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-20433-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Right Angle Insulated Clamp Clip
• Compatible with all shrouded, unshrouded, or retractable 0.16”(4 mm)
banana plugs
• Material: Housing: nylon; Contact: nickel-plated beryllium copper
• Length: 7.50” (190.5 mm)
• *Std. Colors: -0 Black, -2 Red, -4 Yellow, -6 Blue
• Rating: 1000V, 1 Amps, IEC 1010 Compliant
RoHS Compliant
Part Number:
BU-20433- *
Description:
Right Angle Insulated Clamp Clip
3507


Numéro de pièce similaire - BU-20433-2

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BU-20431-0 ETC2-BU-20431-0 Datasheet
53Kb / 1P
   Right Angle Insulated Plunger Hook Clip
BU-20431-2 ETC2-BU-20431-2 Datasheet
53Kb / 1P
   Right Angle Insulated Plunger Hook Clip
BU-20431-4 ETC2-BU-20431-4 Datasheet
53Kb / 1P
   Right Angle Insulated Plunger Hook Clip
BU-20431-6 ETC2-BU-20431-6 Datasheet
53Kb / 1P
   Right Angle Insulated Plunger Hook Clip
BU-20432-0 ETC2-BU-20432-0 Datasheet
49Kb / 1P
   Right Angle Insulated Plunger Clamp Clip
More results

Description similaire - BU-20433-2

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BU-20432-0 ETC2-BU-20432-0 Datasheet
49Kb / 1P
   Right Angle Insulated Plunger Clamp Clip
BU-20434-0 ETC2-BU-20434-0 Datasheet
51Kb / 1P
   Right Angle Insulated Plunger Jaw Clip
BU-20431-0 ETC2-BU-20431-0 Datasheet
53Kb / 1P
   Right Angle Insulated Plunger Hook Clip
BU-112-0 ETC2-BU-112-0 Datasheet
285Kb / 1P
   Insulated Mini Clip
BU-102B-0 ETC2-BU-102B-0 Datasheet
50Kb / 1P
   Insulated Battery Clip
BU-63-0 ETC2-BU-63-0 Datasheet
83Kb / 1P
   Insulated Alligator Clip
BU-102W-0 ETC2-BU-102W-0 Datasheet
51Kb / 2P
   Insulated Welding Clip
logo
Adam Technologies, Inc.
RF3-28-T-02-50-G ADAM-TECH-RF3-28-T-02-50-G Datasheet
105Kb / 1P
   RIGHT ANGLE SMB MALE CLAMP
logo
List of Unclassifed Man...
BU-108K-0 ETC2-BU-108K-0 Datasheet
251Kb / 1P
   Insulated Kelvin Battery Clip
R114165000 ETC2-R114165000 Datasheet
98Kb / 3P
   RIGHT ANGLE PLUG CLAMP TYPE
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com