Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM15B-GHS-TB Datasheet(Fiches technique) 2 Page - List of Unclassifed Manufacturers

Numéro de pièce SM15B-GHS-TB
Description  1.25mm pitch/Disconnectable Crimp style connectors
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SM15B-GHS-TB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SM15B-GHS-TB Datenblatt HTML 1Page - List of Unclassifed Manufacturers SM15B-GHS-TB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GH CONNECTOR
6.25
7.50
8.75
10.00
11.25
12.50
13.75
15.00
16.25
18.75
20.00
3.75
5.00
2.50
3.75
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
1.25
5.00
6.25
7.50
8.75
10.00
11.25
12.50
13.75
17.50
15.00
16.25
17.50
AB
2
3
4
5
6
7
8
9
10
11
12
13
14
15
GHR-02V-S
GHR-03V-S
GHR-04V-S
GHR-05V-S
GHR-06V-S
GHR-07V-S
GHR-08V-S
GHR-09V-S
GHR-10V-S
GHR-11V-S
GHR-12V-S
GHR-13V-S
GHR-14V-S
GHR-15V-S
Material
PBT, UL94V-0, natural (white)
Circuits
Model No
Dimensions (mm)
Q'ty /
bag
AB
8.25
3.75
BM04B-GHS-TBT
4
9.50
5.00
5
10.75
6.25
6
12.00
7.50
7
13.25
8.75
8
14.50
10.00
9
15.75
11.25
10
17.00
12.50
11
18.25
13.75
12
20.75
16.25
14
22.00
17.50
SM04B-GHS-TB
7.00
2.50
BM03B-GHS-TBT
3
SM03B-GHS-TB
5.75
1.25
BM02B-GHS-TBT
2
SM02B-GHS-TB
BM05B-GHS-TBT
SM05B-GHS-TB
BM06B-GHS-TBT
SM06B-GHS-TB
BM07B-GHS-TBT
SM07B-GHS-TB
BM08B-GHS-TBT
SM08B-GHS-TB
BM09B-GHS-TBT
SM09B-GHS-TB
BM10B-GHS-TBT
SM10B-GHS-TB
BM11B-GHS-TBT
SM11B-GHS-TB
BM12B-GHS-TBT
SM12B-GHS-TB
19.50
15.00
13
BM13B-GHS-TBT
SM13B-GHS-TB
BM14B-GHS-TBT
SM14B-GHS-TB
BM15B-GHS-TBT
SM15B-GHS-TB
15
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,500
Model No.
Circuits
Dimensions (mm)
Q'ty /
reel
Top entry type
Side entry type
Material and Finish
Contact: Phosphor bronze, copper-undercoated, tin-plated (reflow treatment)
Housing: PA9T, UL94V-0, natural (ivory)
Solder tab: Brass, copper-undercoated, tin-plated
1.25
A
B
2.65
4.15
4.25
0.7
A
B
1.25
0.2
4.05
0.8
A
B
1.25
1.75
0.2
Top entry type
Side entry type
Housing
RoHS compliance
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
GHR-04V-S-
S…natural LE…light blue TR…tomato red K…black E…blue
O…orange L…lemon yellow MG…moss green
Shrouded header
RoHS compliance This product displays (LF)(SN) on a label.
Note: Contact JST for gold-plated products.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
BM04B-GHS-TBT-
S…natural (ivory) LE…light blue TR…tomato red K …black
E…blue O…orange L…lemon yellow MG…moss green
2


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn