Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM08B-GHS-TB Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce SM08B-GHS-TB
Description  1.25mm pitch/Disconnectable Crimp style connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SM08B-GHS-TB Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  SM08B-GHS-TB Datasheet HTML 1Page - List of Unclassifed Manufacturers SM08B-GHS-TB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GH CONNECTOR
1.25mm pitch/Disconnectable Crimp style connectors
Emboss Tape
0.6
1.25
1.35
1
±0.1
±0.1
±0.05
±0.05
Header outline
0.6
1.25
1.35
1
±0.05
±0.1
±0.1
±0.05
Header outline
Top entry type
Side entry type
4.25
7.15
2.1
2.3
4.8
0.85
0.6
0.4
0.8
mm2
AWG#
SSHL-002T-P0.2
0.05∼0.13
30∼26
0.8∼1.0
23,000
Material and Finish
Phosphor bronze, tin-plated (reflow treatment)
Model No.
Applicable wire
Q'ty / reel
Insulation O.D.
(mm)
SSHL-002T-P0.2
Contact
Crimping
machine
Crimp applicator with dies
AP-K2N
MKS-L-10-3
MK/SSHL-002-02
APLMK SSHL002-02
Crimp applicator
Dies
Applicator
Developed for PDP, LCD or small
electronics equipment.
This low insertion force type connector
realizes easier mating operation. The basic
concept of the contact part of this
connector is equivalent to the performance
proven SHL connector.
• Secure locking structure
• Contact lock structure
• Prevention of contact deformation
• Clear engagement click sounds
Specifications –––––––––––––––––––
• Current rating: 1.0A AC, DC (AWG #26)
• Voltage rating: 50V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 30m Ω max.
After environmental testing/ 50m Ω max.
• Insulation resistance: 100M Ω min.
• Withstanding voltage: 500V AC/minute
• Applicable wire: Conductor size/ AWG #30 to #26
Insulation O.D./ 0.8 to 1.0mm
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0 Recognized E60389
Contact
RoHS compliance
Note: 1. Contact JST for gold-plates products.
2. This contact can be applied only for GH connector.
SSHL-003( )-P0.2 cannot be applied for GH connector.
Note: 1. The above figure is the figure viewed from the connector mounting side.
2. Tolerances are non-cumulative: ±0.05mm for all centers.
3. The dimensions above should serve as a guideline. Contact JST for details.
1


Numéro de pièce similaire - SM08B-GHS-TB

FabricantNo de pièceFiches techniqueDescription
logo
JST Mfg. Co., Ltd.
SM08B-GHS-TB JST-SM08B-GHS-TB Datasheet
842Kb / 5P
   1.25 mm pitch/Disconnectable Crimp style connectors
More results

Description similaire - SM08B-GHS-TB

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
EHR-15 ETC1-EHR-15 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com