Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM06B-GHS-TB Datasheet(Fiches technique) 1 Page - List of Unclassifed Manufacturers

Numéro de pièce SM06B-GHS-TB
Description  1.25mm pitch/Disconnectable Crimp style connectors
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SM06B-GHS-TB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SM06B-GHS-TB Datasheet HTML 1Page - List of Unclassifed Manufacturers SM06B-GHS-TB Datenblatt HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GH CONNECTOR
1.25mm pitch/Disconnectable Crimp style connectors
Emboss Tape
0.6
1.25
1.35
1
±0.1
±0.1
±0.05
±0.05
Header outline
0.6
1.25
1.35
1
±0.05
±0.1
±0.1
±0.05
Header outline
Top entry type
Side entry type
4.25
7.15
2.1
2.3
4.8
0.85
0.6
0.4
0.8
mm2
AWG#
SSHL-002T-P0.2
0.05∼0.13
30∼26
0.8∼1.0
23,000
Material and Finish
Phosphor bronze, tin-plated (reflow treatment)
Model No.
Applicable wire
Q'ty / reel
Insulation O.D.
(mm)
SSHL-002T-P0.2
Contact
Crimping
machine
Crimp applicator with dies
AP-K2N
MKS-L-10-3
MK/SSHL-002-02
APLMK SSHL002-02
Crimp applicator
Dies
Applicator
Developed for PDP, LCD or small
electronics equipment.
This low insertion force type connector
realizes easier mating operation. The basic
concept of the contact part of this
connector is equivalent to the performance
proven SHL connector.
• Secure locking structure
• Contact lock structure
• Prevention of contact deformation
• Clear engagement click sounds
Specifications –––––––––––––––––––
• Current rating: 1.0A AC, DC (AWG #26)
• Voltage rating: 50V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 30m Ω max.
After environmental testing/ 50m Ω max.
• Insulation resistance: 100M Ω min.
• Withstanding voltage: 500V AC/minute
• Applicable wire: Conductor size/ AWG #30 to #26
Insulation O.D./ 0.8 to 1.0mm
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0 Recognized E60389
Contact
RoHS compliance
Note: 1. Contact JST for gold-plates products.
2. This contact can be applied only for GH connector.
SSHL-003( )-P0.2 cannot be applied for GH connector.
Note: 1. The above figure is the figure viewed from the connector mounting side.
2. Tolerances are non-cumulative: ±0.05mm for all centers.
3. The dimensions above should serve as a guideline. Contact JST for details.
1


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn