Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4384DY Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce SI4384DY
Description  N-Channel Reduced Qg, Fast Switching MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4384DY Fiches technique(HTML) 3 Page - Vishay Siliconix

  SI4384DY Datasheet HTML 1Page - Vishay Siliconix SI4384DY Datasheet HTML 2Page - Vishay Siliconix SI4384DY Datasheet HTML 3Page - Vishay Siliconix SI4384DY Datasheet HTML 4Page - Vishay Siliconix SI4384DY Datasheet HTML 5Page - Vishay Siliconix SI4384DY Datasheet HTML 6Page - Vishay Siliconix SI4384DY Datasheet HTML 7Page - Vishay Siliconix SI4384DY Datasheet HTML 8Page - Vishay Siliconix SI4384DY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 72645
S09-0226-Rev. C, 09-Feb09
www.vishay.com
3
Vishay Siliconix
Si4384DY
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
On-Resistance vs. Drain Current
Gate Charge
Source-Drain Diode Forward Voltage
0.000
0.004
0.008
0.012
0.016
0.020
0
1020304050
VGS = 10 V
ID - Drain Current (A)
VGS = 4.5 V
0
1
2
3
4
5
6
0369
12
15
VDS = 15 V
ID = 15 A
Qg - Total Gate Charge (nC)
1.0
1.2
1
10
60
0.00
0.2
0.4
0.6
0.8
TJ = 25 °C
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)
Capacitance
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
0
440
880
1320
1760
2200
0
4
8
12
16
20
Crss
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V
ID = 15 A
TJ - Junction Temperature (°C)
0.000
0.006
0.012
0.018
0.024
0.030
02468
10
ID = 15 A
VGS - Gate-to-Source Voltage (V)


Numéro de pièce similaire - SI4384DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4386DY VISHAY-SI4386DY Datasheet
182Kb / 8P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 09-Feb-09
SI4386DY VISHAY-SI4386DY Datasheet
172Kb / 8P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 09-Feb-09
SI4386DY VISHAY-SI4386DY Datasheet
170Kb / 8P
   N-Channel Reduced Qg, Fast Switching MOSFET
01-Jan-2022
SI4386DY VISHAY-SI4386DY_17 Datasheet
172Kb / 8P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 09-Feb-09
SI4386DY VISHAY-SI4386DY_V01 Datasheet
170Kb / 8P
   N-Channel Reduced Qg, Fast Switching MOSFET
01-Jan-2022
More results

Description similaire - SI4384DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7860DP-T1 VISHAY-SI7860DP-T1 Datasheet
147Kb / 7P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. E, 09-Feb-09
SI4872DY VISHAY-SI4872DY Datasheet
57Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. A, 17-Jul-00
SI4850EY VISHAY-SI4850EY Datasheet
61Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 29-Mar-04
SI6802DQ VISHAY-SI6802DQ Datasheet
59Kb / 4P
   N-Channel, Reduced Qg, Fast Switching MOSFET
Rev. C, 18-Dec-96
logo
DinTek Semiconductor Co...
DTB6035 DINTEK-DTB6035 Datasheet
235Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
logo
Vishay Siliconix
SI4800BDY VISHAY-SI4800BDY Datasheet
252Kb / 9P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
SI4398DY VISHAY-SI4398DY Datasheet
104Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. C, 14-Feb-11
SI4800BDY VISHAY-SI4800BDY_17 Datasheet
185Kb / 8P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
SI7384DP VISHAY-SI7384DP Datasheet
96Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. C, 03-Mar-08
SI4800BDY-T1 VISHAY-SI4800BDY-T1 Datasheet
252Kb / 9P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
SI9422DY VISHAY-SI9422DY Datasheet
53Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 23-Nov-98
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com