Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSH276PA4 Fiches technique(PDF) 7 Page - Cystech Electonics Corp.

No de pièce CSH276PA4
Description  Complementary Output Hall Effect Latched Sink Driver IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSH276PA4 Fiches technique(HTML) 7 Page - Cystech Electonics Corp.

  CSH276PA4 Datasheet HTML 1Page - Cystech Electonics Corp. CSH276PA4 Datasheet HTML 2Page - Cystech Electonics Corp. CSH276PA4 Datasheet HTML 3Page - Cystech Electonics Corp. CSH276PA4 Datasheet HTML 4Page - Cystech Electonics Corp. CSH276PA4 Datasheet HTML 5Page - Cystech Electonics Corp. CSH276PA4 Datasheet HTML 6Page - Cystech Electonics Corp. CSH276PA4 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C498A4
Issued Date : 2007.09.26
Revised Date :
Page No. : 7/7
CSH276PA4
CYStek Product Specification
SIP-4L Dimension
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.051
0.071
1.295
1.803
D
0.201
0.211
Marking:
Device
name
Date Code:
Year+Month
Year: 2006→6
2007→7, …,
etc
Month : Jan→A,
Feb→B, Mar→
C, Apr→D,May
→E, Jun→F,Jul
→G, Aug→H,
Sep→J,Oct→K
Nov→L, Dec→
Lot Code:
01~99
serially
M
4-Lead SIP-4L Plastic Package
CYStek Package Code: A4
Style: Pin 1.VCC 2.Output 3.Output 4. Ground
5.105
5.359
A1
0.024
-
0.610
-
E
0.139
0.149
3.531
3.785
b
0.013
0.017
0.330
0.432
L
0.551
0.630
14.00
16.00
b1
0.016
0.020
0.406
0.508
e
0.05 REF
1.27 REF
Notes: 1.Dimension and tolerance based on our Spec. dated Apr. 18,2002.
2.Controlling dimension: millimeters.
3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
4.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Numéro de pièce similaire - CSH276PA4

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
CSH277A4 CYSTEKEC-CSH277A4 Datasheet
364Kb / 6P
   Complementary Output Hall Effect Latched Sink Driver IC
More results

Description similaire - CSH276PA4

FabricantNo de pièceFiches techniqueDescription
logo
GTM CORPORATION
G266 GTM-G266 Datasheet
214Kb / 5P
   Complementary Output Hall Effect Latched Sink Driver IC
logo
Cystech Electonics Corp...
CSH277A4 CYSTEKEC-CSH277A4 Datasheet
364Kb / 6P
   Complementary Output Hall Effect Latched Sink Driver IC
logo
GTM CORPORATION
G276P GTM-G276P Datasheet
223Kb / 5P
   Complementary Output Hall Effect Latched Sink Driver IC
logo
Cystech Electonics Corp...
CSH266A4 CYSTEKEC-CSH266A4 Datasheet
221Kb / 6P
   Complementary Output Hall Effect Latched Sink Driver IC
logo
List of Unclassifed Man...
A277 ETC-A277 Datasheet
165Kb / 6P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCHED SINK DRIVER
logo
Major-Power Technology ...
MA7201 MPOWER-MA7201 Datasheet
388Kb / 6P
   Complementary Output Hall Effect Fan Driver
MA7210 MPOWER-MA7210 Datasheet
350Kb / 6P
   Complementary Output Hall Effect Fan Driver
MA277 MPOWER-MA277 Datasheet
328Kb / 6P
   Complementary Output Hall Effect Fan Driver
MA266 MPOWER-MA266 Datasheet
120Kb / 2P
   Complementary Output Hall Effect Fan Driver
Rev.1.3
MA382 MPOWER-MA382 Datasheet
121Kb / 2P
   Complementary Output Hall Effect Fan Driver
Rev.1.3
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com