Moteur de recherche de fiches techniques de composants électroniques |
|
CB05YTYHQN151 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers |
|
CB05YTYHQN151 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 8 page Rev Date: 03/30/2011 2 www.seielect.com This specification may be changed at any time without prior notice marketing@seielect.com Please confirm technical specifications before you order and/or use. CB Series Multilayer Ferrite Chip Bead Inductor Stackpole Electronics, Inc. Resistive Product Solutions Type / Code A B C D E F G Unit 0.039 ± 0.004 0.02 ± 0.004 0.02 ± 0.004 0.01 ± 0.004 0.016 0.055 0.016 inches 1 ± 0.1 0.5 ± 0.1 0.5 ± 0.1 0.25 ± 0.1 0.4 1.4 0.4 mm 0.063 ± 0.008 0.032 ± 0.006 0.032 ± 0.006 0.012 ± 0.008 0.032 0.134 0.024 inches 1.6 ± 0.2 0.8 ± 0.15 0.8 ± 0.15 0.3 ± 0.2 0.8 3.4 0.6 mm 0.079 ± 0.008 0.049 ± 0.008 0.035 ± 0.008 0.02 ± 0.012 0.047 0.157 0.039 inches 2 ± 0.2 1.25 ± 0.2 0.9 ± 0.2 0.5 ± 0.3 1.2 4 1 mm 0.126 ± 0.008 0.063 ± 0.008 0.043 ± 0.008 0.02 ± 0.012 0.079 0.205 0.047 inches 3.2 ± 0.2 1.6 ± 0.2 1.1 ± 0.2 0.5 ± 0.3 2 5.2 1.2 mm 0.126 ± 0.008 0.063 ± 0.008 0.063 ± 0.008 0.02 ± 0.012 0.079 0.205 0.047 inches 3.2 ± 0.2 1.6 ± 0.2 1.6 ± 0.2 0.5 ± 0.3 2 5.2 1.2 mm 0.126 ± 0.008 0.098 ± 0.008 0.051 ± 0.008 0.02 ± 0.012 0.079 0.256 0.071 inches 3.2 ± 0.2 2.5 ± 0.2 1.3 ± 0.2 0.5 ± 0.3 2 6.5 1.8 mm 0.177 ± 0.01 0.063 ± 0.008 0.063 ± 0.008 0.02 ± 0.012 0.118 0.256 0.047 inches 4.5 ± 0.25 1.6 ± 0.2 1.6 ± 0.2 0.5 ± 0.3 3 6.5 1.2 mm 0.177 ± 0.01 0.126 ± 0.008 0.177 ± 0.008 0.02 ± 0.012 0.118 0.256 0.94 inches 4.5 ± 0.25 3.2 ± 0.2 1.5 ± 0.2 0.5 ± 0.3 3 6.5 2.4 mm CB02 CB03 CB05 CB04 CB06 CB10 CB08 CB12 Mechanical Specifications Part Impedance Test Freq DCR I DC Number (Ω)(MHz) (Ω) Max (mA) Max CB02YTYN060 6 100 0.050 500 CB02YTYN100 10 100 0.050 500 CB02YTYN400 40 100 0.300 300 CB02YTYN800 80 100 0.400 200 CB02YTYN121 120 100 0.500 200 CB02YTYN241 240 100 0.500 200 CB02YTYN481 480 100 0.800 100 CB02YTYN601 600 100 1.000 100 Electrical Characteristics – CB 02 Standard |
Numéro de pièce similaire - CB05YTYHQN151 |
|
Description similaire - CB05YTYHQN151 |