Moteur de recherche de fiches techniques de composants électroniques |
|
J112 Fiches technique(PDF) 2 Page - Fairchild Semiconductor |
|
J112 Fiches technique(HTML) 2 Page - Fairchild Semiconductor |
2 / 6 page © 2012 Fairchild Semiconductor Corporation www.fairchildsemi.com J111 / J112 / J113 / MMBFJ111 / MMBFJ112 / MMBFJ112_SB51338 / MMBFJ113 Rev. B0 2 Electrical Characteristics T a = 25°C unless otherwise noted * Pulse Test: Pulse Width 300s, Duty Cycle 3.0% Typical Performance Characteristics Symbol Parameter Test Condition Min. Typ. Max. Units Off Characteristics BV(BR)GSS Gate-Source Breakdown Voltage IG = -1.0A, VDS = 0 -35 V IGSS Gate Reverse Current VGS = -15V, VDS = 0 -1.0 nA VGS(off) Gate-Source Cutoff Voltage VDS = 5.0V, ID = 1.0A 111 112 MMBFJ112_SB51338 113 -3.0 -1.0 -3.0 -0.5 -10 -5.0 -5.0 -3.0 V V V V ID(off) Drain Cutoff Leakage Current VDS = 5.0V, VGS = -10V 1.0 nA On Characteristics IDSS Zero-Gate Voltage Drain Current* VDS = 15V, IGS = 0 111 112 113 20 5.0 2.0 mA mA mA rDS(on) Drain-Source On Resistance VDS 0.1V, VGS = 0 111 112 113 30 50 100 Small Signal Characteristics Cdg(on) Csg(on) Drain Gate & Source Gate On Capacitance VDS = 0, VGS = 0, f = 1.0MHz 28 pF Cdg(off) Drain-Gate Off Capacitance VDS = 0, VGS = -10V, f = 1.0MHz 5.0 pF Csg(off) Source-Gate Off Capacitance VDS = 0, VGS = -10V, f = 1.0MHz 5.0 pF Parameter Interactions 0.5 1 2 5 10 5 10 20 50 100 5 10 20 50 100 V - GATE CUTOFF VOLTAGE (V) GS (OFF) I , g @ V = 15V, V = 0 PULSED r @ 1.0 mA, V = 0 V @ V = 15V, I = 1.0 nA GS(off) DSS r D I DSS DS DS GS DS GS fs DS DS g fs _ _ _ _ _ Common Drain-Source 0 0.4 0.8 1.2 1.6 2 0 2 4 6 8 10 V - DRAIN-SOURCE VOLTAGE (V) DS - 0.4 V - 1.0 V - 0.8 V - 0.2 V - 0.6 V V = 0 V GS T = 25°C TYP V = - 2.0 V GS(off) A - 1.2 V - 1.4 V |
Numéro de pièce similaire - J112 |
|
Description similaire - J112 |