Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC3423 Fiches technique(PDF) 2 Page - Savantic, Inc.

No de pièce 2SC3423
Description  Silicon NPN Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAVANTIC [Savantic, Inc.]
Site Internet  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC3423 Fiches technique(HTML) 2 Page - Savantic, Inc.

  2SC3423 Datasheet HTML 1Page - Savantic, Inc. 2SC3423 Datasheet HTML 2Page - Savantic, Inc. 2SC3423 Datasheet HTML 3Page - Savantic, Inc. 2SC3423 Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC3423
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=1mA ;IB=0
150
V
VCEsat
Collector-emitter saturation voltage
IC=10mA; IB=1mA
1.0
V
VBE
Base-emitter on voltage
IC=10mA ; VCE=5V
0.8
V
ICBO
Collector cut-off current
VCB=150V; IE=0
0.1
µA
IEBO
Emitter cut-off current
VEB=5V; IC=0
0.1
µA
hFE
DC current gain
IC=10mA ; VCE=5V
80
240
Cob
Output capacitance
IE=0 ; VCB=10V f=1MHz
1.8
pF
fT
Transition frequency
IC=10mA ; VCE=5V
200
MHz
hFE Classifications
O
Y
80-160
120-240


Numéro de pièce similaire - 2SC3423

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SC3423 TOSHIBA-2SC3423 Datasheet
143Kb / 2P
   NPN EPITAXIAL TYPE (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
2SC3423 TOSHIBA-2SC3423 Datasheet
125Kb / 5P
   Silicon NPN Epitaxial Type (PCT Process) Audio Frequency Amplifier Applications
logo
Savantic, Inc.
2SC3423 SAVANTIC-2SC3423 Datasheet
141Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3423 JMNIC-2SC3423 Datasheet
202Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3423 ISC-2SC3423 Datasheet
176Kb / 4P
   Silicon NPN Power Transistors
More results

Description similaire - 2SC3423

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com