Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3019C3 Fiches technique(PDF) 8 Page - Cystech Electonics Corp.

No de pièce 2SK3019C3
Description  ESD protected N-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

2SK3019C3 Fiches technique(HTML) 8 Page - Cystech Electonics Corp.

  2SK3019C3 Datasheet HTML 1Page - Cystech Electonics Corp. 2SK3019C3 Datasheet HTML 2Page - Cystech Electonics Corp. 2SK3019C3 Datasheet HTML 3Page - Cystech Electonics Corp. 2SK3019C3 Datasheet HTML 4Page - Cystech Electonics Corp. 2SK3019C3 Datasheet HTML 5Page - Cystech Electonics Corp. 2SK3019C3 Datasheet HTML 6Page - Cystech Electonics Corp. 2SK3019C3 Datasheet HTML 7Page - Cystech Electonics Corp. 2SK3019C3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C800C3
Issued Date : 2011.01.19
Revised Date :
Page No. : 8/8
2SK3019C3
CYStek Product Specification
SOT-523 Dimension
*: Typical
N
H
F
12
3
J
A
B
C
D
E
G
I
K L
M
O
Style: Pin 1.Gate 2.Source 3.Drain
3-Lead SOT-523 Plastic
Surface Mounted Package
CYStek Package Code: C3
Marking:
KN
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.0079
0.0157
0.20
0.40
I
*0.0197
-
*0.50
-
B
0.0591
0.0669
1.50
1.70
J
0.0610
0.0650
1.55
1.65
C
0.0118
0.0197
0.30
0.50
K
0.0276
0.0315
0.70
0.80
D
0.0295
0.0335
0.75
0.85
L
0.0224
0.0248
0.57
0.63
E
0.0118
0.0197
0.30
0.50
M
0.0020
0.0059
0.05
0.15
F
0.0039
0.0118
0.10
0.30
N
0.0039
0.0118
0.10
0.30
G
0.0039
0.0118
0.10
0.30
O
0
0.0031
0
0.08
H
*0.0197
-
*0.50
-
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Numéro de pièce similaire - 2SK3019C3

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SK3019 ROHM-2SK3019 Datasheet
87Kb / 5P
   Small switching (30V, 0.1A)
2SK3019 ROHM-2SK3019 Datasheet
89Kb / 4P
   2.5V Drive Nch MOS FET
2SK3019 ROHM-2SK3019 Datasheet
76Kb / 4P
   2.5V Drive Nch MOS FET
logo
Guangdong Kexin Industr...
2SK3019 KEXIN-2SK3019 Datasheet
1,002Kb / 3P
   N-Channel MOSFET
logo
Jiangsu Changjiang Elec...
2SK3019 JIANGSU-2SK3019 Datasheet
1Mb / 5P
   N-channel MOSFET
More results

Description similaire - 2SK3019C3

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
MTNK5C3 CYSTEKEC-MTNK5C3 Datasheet
327Kb / 8P
   ESD protected N-Channel Enhancement Mode MOSFET
MTNK5N3 CYSTEKEC-MTNK5N3 Datasheet
326Kb / 8P
   ESD protected N-Channel Enhancement Mode MOSFET
2SK3018S3 CYSTEKEC-2SK3018S3 Datasheet
324Kb / 8P
   ESD protected N-Channel Enhancement Mode MOSFET
2SK3541Y3 CYSTEKEC-2SK3541Y3 Datasheet
351Kb / 8P
   ESD protected N-Channel Enhancement Mode MOSFET
MTN1012ZC3 CYSTEKEC-MTN1012ZC3 Datasheet
719Kb / 7P
   ESD protected N-CHANNEL Enhancement Mode MOSFET
MTNK5S3 CYSTEKEC-MTNK5S3 Datasheet
321Kb / 8P
   ESD protected N-Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
2N7002KDW HY-2N7002KDW Datasheet
256Kb / 4P
   60V ESD Protected N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
2N7002KDW PANJIT-2N7002KDW_14 Datasheet
170Kb / 6P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KW PANJIT-2N7002KW_14 Datasheet
131Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
BSS138 PANJIT-BSS138 Datasheet
114Kb / 5P
   50V N-Channel Enhancement Mode MOSFET - ESD Protected
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com