Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TD-73 Fiches technique(PDF) 1 Page - Clare, Inc.

No de pièce TD-73
Description  MICROWAVE NOISE TUBES & NOISE SOURCES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARE [Clare, Inc.]
Site Internet  http://www.clare.com
Logo CLARE - Clare, Inc.

TD-73 Fiches technique(HTML) 1 Page - Clare, Inc.

  TD-73 Datasheet HTML 1Page - Clare, Inc. TD-73 Datasheet HTML 2Page - Clare, Inc. TD-73 Datasheet HTML 3Page - Clare, Inc. TD-73 Datasheet HTML 4Page - Clare, Inc. TD-73 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MICROWAVE NOISE TUBES & NOISE SOURCES
571
DESCRIPTION
www.cpclare.com
TD/TN Series
SPECIFICATION RANGES
APPLICATIONS
FEATURES
CP Clare’s TD Series of gas discharge microwave noise tubes and TN Series of gas discharge microwave noise
sources are the element in a microwave RF system that allows accurate measurements of the noise figure of the
receiver or its components. The requirements of a device used for making such noise figure measurements
include broad bandwidth inherent in the active element, stability, ease of operation, and long life. In general, the
range of usefulness of these noise sources permits measurements of noise figures from about 2 to 30dB. The
PS-237 through PS-240 current-regulated power supplies can be used to operate many of the noise sources
described herein.
s Excess noise ratios (ENR): up to 20dB
s Broad bandwidth
s Excellent long term stability
s Life up to 20,000 hours
s AC, DC, or pulsed operation
s Noise figure measurement
Parameter
Range
Units
Frequency
0.2 - 220.0
GHz
ENR
8.8 - 20.1
dB
Operating Current
30 - 250
mA
Starting Voltage
0.9 - 7.0
kV
(See detailed specifications for more data. Contact CP Clare for TD and TN part numbers or for other
requirements not listed.)


Numéro de pièce similaire - TD-73

FabricantNo de pièceFiches techniqueDescription
logo
Transko Electronics, In...
TD-0455Q3-C80 TRANSKO-TD-0455Q3-C80 Datasheet
575Kb / 7P
    LTE 450 SAW DUPLEXER For 455.0 MHz / 465.0 MHz
Revision 0: February 2014
TD-0455Q4-C80 TRANSKO-TD-0455Q4-C80 Datasheet
605Kb / 7P
   SAW DUPLEXER For Band31
Revision 0: March 2014
TD-071001-S34 TRANSKO-TD-071001-S34 Datasheet
416Kb / 7P
   SAW Duplexer For 710.0MHz / 745.0MHz
Revision 0: November 2012
TD-071002-C53 TRANSKO-TD-071002-C53 Datasheet
745Kb / 6P
   SAW DUPLEXER For 710.0MHz / 740.0MHz
Revision 0: May 2013
TD-082201-S33 TRANSKO-TD-082201-S33 Datasheet
669Kb / 7P
   SAW Duplexer For 822.5MHz / 867.5MHz
Revision 0: February 2014
More results

Description similaire - TD-73

FabricantNo de pièceFiches techniqueDescription
logo
Micronetics, Inc.
NSL2 MICRONETICS-NSL2 Datasheet
452Kb / 2P
   BROADBAND COAXIAL MICROWAVE NOISE SOURCES
RFN25L MICRONETICS-RFN25L Datasheet
517Kb / 2P
   FULLBAND CALIBRATED MICROWAVE NOISE SOURCES
RFN55L MICRONETICS-RFN55L Datasheet
91Kb / 3P
   FULLBAND HIGH ENR MICROWAVE NOISE SOURCES
logo
Fairchild Semiconductor
AN-6605 FAIRCHILD-AN-6605 Datasheet
703Kb / 5P
   Noise of Sources
logo
Micronetics, Inc.
RFN25L MICRONETICS-RFN25L Datasheet
115Kb / 2P
   Fullband Microwave Noise Sources 1 GHz to 2 GHz
RFN25S MICRONETICS-RFN25S Datasheet
92Kb / 2P
   Fullband Microwave Noise Sources 2 GHz to 4 GHz
RFN25K MICRONETICS-RFN25K Datasheet
497Kb / 2P
   Fullband Microwave Noise Sources 18 GHz to 26.5 GHz
logo
Keysight Technologies
N4000A KEYSIGHT-N4000A Datasheet
2Mb / 13P
   SNS Series Noise Sources
logo
Micronetics, Inc.
NZG-5-20K MICRONETICS-NZG-5-20K Datasheet
551Kb / 1P
   NOIZEG BASEBAND NOISE SOURCES
NSL2-B MICRONETICS-NSL2-B Datasheet
52Kb / 2P
   Broadband Microwave Coaxial Noise Sources 1 MHz to 1000 MHz
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com