Moteur de recherche de fiches techniques de composants électroniques |
|
BU4822FVE-TR Fiches technique(PDF) 2 Page - Rohm |
|
BU4822FVE-TR Fiches technique(HTML) 2 Page - Rohm |
2 / 16 page Datasheet 2/13 BU48xx series BU49xx series TSZ02201-0R7R0G300060-1-2 © 2014 ROHM Co., Ltd. All rights reserved. 03.Feb.2014 Rev.010 www.rohm.com TSZ22111・15・001 ●Connection Diagram & Pin Descriptions SSOP5 SOP4 TOP VIEW TOP VIEW VSOF5 SOT89-3F TOP VIEW TOP VIEW PIN No. Symbol Function PIN No. Symbol Function 1 VOUT Reset output 1 VOUT Reset output 2 VDD Power supply voltage 2 VDD Power supply voltage 3 GND GND 3 N.C. Unconnected terminal 4 N.C. Unconnected terminal 4 GND GND 5 N.C. Unconnected terminal PIN No. Symbol Function PIN No. Symbol Function 1 VOUT Reset output 1 VOUT Reset output 2 SUB Substrate* 2 VDD Power supply voltage 3 N.C. Unconnected terminal 3 GND GND 4 VDD Power supply voltage 5 GND GND *Connect the substrate to VDD VDD VOUT SUB N.C GND 4 3 2 1 5 Marking Lot. No VOUT VDD N.C. GND 1 2 3 4 Marking Lot. No VOUT VDD GND N.C. N.C. Lot. No Marking Marking Lot.No 1 VOUT VDD 2 3 GND |
Numéro de pièce similaire - BU4822FVE-TR |
|
Description similaire - BU4822FVE-TR |