Moteur de recherche de fiches techniques de composants électroniques |
|
G-NICO-018 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers |
|
G-NICO-018 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers |
6 / 11 page TSYS01 Digital Temperature Sensor TSYS01 Rev E0.3 www.meas-spec.com 2012-01-13 6/10 RESET SEQUENCE The Reset sequence has to be sent once after power-on. It can be also used to reset the device ROM from an unknown condition. SPI I 2C PROM READ SEQUENCE The PROM Read command consists of two parts. First command sets up the system into PROM read mode. The second part gets the data from the system. Below examples are sequences to read address 3 (command 0xA6). SPI I 2C |
Numéro de pièce similaire - G-NICO-018 |
|
Description similaire - G-NICO-018 |