Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1207 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce 2SD1207
Description  Large-Current Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1207 Fiches technique(HTML) 3 Page - ON Semiconductor

  2SD1207 Datasheet HTML 1Page - ON Semiconductor 2SD1207 Datasheet HTML 2Page - ON Semiconductor 2SD1207 Datasheet HTML 3Page - ON Semiconductor 2SD1207 Datasheet HTML 4Page - ON Semiconductor 2SD1207 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SB892 / 2SD1207
Rev.0 I Page 3 of 5 I www.onsemi.com
hFE -- IC
Collector Current, IC -- mA
IC -- VBE
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V
hFE -- IC
Collector Current, IC -- mA
Collector Current, IC -- mA
f T -- IC
Collector Current, IC -- mA
f T -- IC
IC -- VCE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
2SB892
VCE= --2V
ITR08652
100
1000
5
7
3
2
5
7
3
2
10
--100
7
3
25
7
3
25
3
25
--1000
--10
2SD1207
VCE=2V
100
1000
5
7
3
2
5
7
3
2
10
100
7
3
25
7
3
25
3
25
1000
10
ITR08653
2SB892
VCB= --10V
10
100
7
5
3
2
7
5
3
2
1000
--100
--10
25
37
2
5
32
3
7 --1000
2SD1207
VCB=10V
100
10
25
37
2
5
32
3
7 1000
ITR08654
10
100
7
5
3
2
7
5
3
2
1000
ITR08655
0
0.4
0.2
1.2
0.8
1.0
0.6
--2mA
--1mA
--3mA
--4mA
--5mA
--6mA
--7mA
--1200
--1000
--400
--800
--600
--200
0
0--12
--8
--10
--6
--2
--4
7mA
6mA
5mA
4mA
3mA
2mA
1mA
1200
1000
400
800
600
200
0
--1200
--1000
--400
--800
--600
--200
0
1200
1000
400
800
600
200
0
012
810
6
24
IB=0mA
ITR08648
2SB892
2SD1207
IB=0mA
ITR08649
2SD1207
VCE=2V
ITR08651
0--0.4
--1.2
--0.8
--1.0
--0.2
--0.6
2SB892
VCE= --2V
ITR08650


Numéro de pièce similaire - 2SD1207

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SD1207 SANYO-2SD1207 Datasheet
99Kb / 4P
   Large-Current Switching Applications
2SD1207 SANYO-2SD1207 Datasheet
57Kb / 5P
   Large-Current Switching Applications
logo
Foshan Blue Rocket Elec...
2SD1207 FOSHAN-2SD1207 Datasheet
948Kb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
logo
Sanyo Semicon Device
2SD1207 SANYO-2SD1207 Datasheet
122Kb / 4P
   Large-Current Switching Applications
More results

Description similaire - 2SD1207

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SB892 SANYO-2SB892 Datasheet
99Kb / 4P
   Large-Current Switching Applications
2SD1207 SANYO-2SD1207 Datasheet
57Kb / 5P
   Large-Current Switching Applications
2SB892 SANYO-2SB892_04 Datasheet
122Kb / 4P
   Large-Current Switching Applications
2SB893 SANYO-2SB893 Datasheet
72Kb / 3P
   Large-Current Switching Applications
2SB922 SANYO-2SB922 Datasheet
26Kb / 4P
   Large Current Switching Applications
2SB927 SANYO-2SB927 Datasheet
79Kb / 3P
   Large-Current Driving Applications??????????
2SB985 SANYO-2SB985 Datasheet
96Kb / 3P
   Large-Current Driving Applications
2SB926 SANYO-2SB926 Datasheet
79Kb / 3P
   Large-Current Driving Applications??????????
2SB808 SANYO-2SB808 Datasheet
115Kb / 4P
   Low-Voltage Large-Current Amp Applications
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com