Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL0501 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce HCPL0501
Description  High Speed Transistor Optocouplers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0501 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  HCPL0501 Datasheet HTML 1Page - Fairchild Semiconductor HCPL0501 Datasheet HTML 2Page - Fairchild Semiconductor HCPL0501 Datasheet HTML 3Page - Fairchild Semiconductor HCPL0501 Datasheet HTML 4Page - Fairchild Semiconductor HCPL0501 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0501 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0501 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0501 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0501 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
HCLP0XXX Rev. 1.0.3
Transfer Characteristics (TA = 0 to 70°C Unless)
** All typicals at TA = 25°C
Switching Characteristics (TA = 0 to 70°C unless otherwise specified., VCC = 5 V)
Symbol
Parameter
Test Conditions
Device
Min
Typ** Max
Unit
CTR
COUPLED
(IF = 16 mA, VO = 0.4 V)
(VCC = 4.5 V, TA = 25°C)
HCPL0500/0530
7
2.7
50
%
HCPL0452/3
19
27
50
HCPL0501/0531
Current tranfer ratio
(Note 1)
(IF = 16 mA, VO = 0.5V)
(VCC = 4.5 V)
HCPL0500
5
30
HCPL0452/3
15
30
HCPL0501/0534
VOL
Logic low output voltage
(IF = 16 mA, IO = 1.1 mA)
(VCC = 4.5 V, TA = 25°C)
HCPL0500
0.18
0.4
V
HCPL0530
0.5
(IF = 16 mA, IO = 3 mA)
(VCC = 4.5 V, TA = 25°C)
HCPL0452/3
0.25
0.4
HCPL0501/0531/4
(IF = 16 mA, IO = 0.8 mA)
(VCC = 4.5)
HCPL0500
HCPL0530
0.13
0.5
(IF = 16 mA, IO = 2.4 mA)
(VCC = 4.5)
HCPL0452/3
0.23
0.5
HCPL0501/0531/4
Symbol
Parameter
Test Conditions
Device
Min
Typ** Max Unit
TPHL
Propagation
delay time to
logic low
TA = 25°C, (RL = 4.1 kΩ, IF = 16mA) (Note 2)
(Fig. 9)
HCPL0500/0530
0.45
1.5
µs
(RL = 1.9 kΩ, IF = 16mA) (Note 3) (Fig. 9)
TA = 25°C
HCPL0452/3
0.45
0.8
HCPL0501/0531/4
(RL = 4.1 kΩ, IF = 16mA) (Note 2) (Fig. 9)
HCPL0500/0530
2.0
(RL = 1.9 kΩ, IF = 16mA) (Note 3) (Fig. 9)
HCPL0452/3
1.0
HCPL0501/0531/4
TPLH
Propagation
delay time to
logic high
TA = 25°C, (RL = 4.1 kΩ, IF = 16mA) (Note 2)
(Fig. 9)
HCPL0500/0530
0.5
1.5
µs
(RL = 1.9 kΩ, IF = 16mA) (Note 3) (Fig. 9)
TA = 25°C
HCPL0452/3
0.3
0.8
HCPL0501/0531/4
(RL = 4.1 kΩ, IF = 16mA) (Note 2) (Fig. 9)
HCPL0500/0530
2.0
(RL = 1.9 kΩ, IF = 16mA) (Note 3) (Fig. 9)
HCPL0452/3
1.0
HCPL0501/0531/4
|CMH|
Common
mode transient
immunity at
logic high
(IF = 0 mA, VCM = 10 VP-P, RL = 4.1kV)
(Note 4) (Fig. 10) TA = 25°C
HCPL0500
1,000
10,000
V/µs
HCPL0530
(IF = 0 mA, VCM = 10 VP-P)
TA = 25°C, (RL = 1.9kΩ)
(Note 4) (Fig. 10)
HCPL0452
1,000
10,000
HCPL0501/31
HCPL0534
15,000
40,000
(IF = 16 mA, VCM = 1500 VP-P, RL = 1.9Ω,
TA = 25°C) (Note 4) (Fig. 10)
HCPL0453
15,000
40,000
|CML|
Common
mode transient
immunity at
logic low
(IF = 16 mA, VCM = 10 VP-P, RL = 4.1kΩ)
(Note 4) (Fig. 10) TA = 25°C
HCPL0500
1,000
10,000
V/µs
HCPL0530
(IF = 16 mA, VCM = 10 VP-P)
TA = 25°C, (RL = 1.9kΩ)
(Note 4) (Fig. 10)
HCPL0452
1,000
10,000
HCPL0501/31
HCPL0534
15,000
40,000
(IF = 16 mA, TA = 25°C, VCM = 1500 VP-P,
CL = 15pF) (Note 4) (Fig. 10)
HCPL0453
15,000
40,000


Numéro de pièce similaire - HCPL0501

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HCPL0501 FAIRCHILD-HCPL0501 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL0501 FAIRCHILD-HCPL0501 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0501 FAIRCHILD-HCPL0501 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0501 FAIRCHILD-HCPL0501 Datasheet
335Kb / 12P
   Single Channel HCPL0452 HCPL0453 HCPL0500 HCPL0501
HCPL0501 FAIRCHILD-HCPL0501 Datasheet
335Kb / 12P
   High Speed Transistor Optocouplers
More results

Description similaire - HCPL0501

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com