Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA04G-7-S-TF3-T Fiches technique(PDF) 3 Page - Unisonic Technologies

No de pièce BTA04G-7-S-TF3-T
Description  SENSITIVE GATE TRIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTA04G-7-S-TF3-T Fiches technique(HTML) 3 Page - Unisonic Technologies

  BTA04G-7-S-TF3-T Datasheet HTML 1Page - Unisonic Technologies BTA04G-7-S-TF3-T Datasheet HTML 2Page - Unisonic Technologies BTA04G-7-S-TF3-T Datasheet HTML 3Page - Unisonic Technologies BTA04G-7-S-TF3-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BTA04
Preliminary
TRIACS
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R401-034.c
ELECTRICAL CHARACTERISTICS
PARAMETER SYMBOL
TEST CONDITIONS
T
D
S
A
UNIT
MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX
Gate Trigger
Current
IGT
VD=12V (DC)
RL=33Ω
TJ=25°C
I-II-III
5
5
10
10
mA
IV
5
10
10
25
mA
Gate Trigger
Voltage
VGT
ALL
1.5
1.5
1.5
1.5
V
Gate
Non-Trigger
Voltage
VGD
VD=VDRM,
RL=3.3kΩ,
TJ=110°C
ALL
0.2
0.2
0.2
0.2
V
Time Gate
Trigger
tGT
VD=VDRM,
IG=40mA,
dIG/dt=0.5A/µs,
TJ=25°C
ALL
2
2
2
2
µs
Holding
Current
(Note 1)
IH
IT=100mA, Gate Open,
TJ=25°C
15
15
25
25
mA
Latching
Current
IL
IG=1.2IGT,
TJ=25°C
I-III-IV
10
10
20
20
mA
II
20
20
40
40
mA
Peak
On-State
Voltage
(Note 1)
VTM
ITM=5.5A, tp=380μs,
TJ=25°C
1.65
1.65
1.65
1.65
V
Repetitive
Peak
Off-State
Current
IDRM
VDRM Rated, TJ=25°C
0.01
0.01
0.01
0.01 mA
IRRM
VRRM Rated, TJ=110°C
0.75
0.75
0.75
0.75 mA
Critical Rate
of Rise of
Off-State
Voltage
(Note 1)
dV/dt
Linear Slope up to
VD=67%VDRM, Gate
Open, TJ=110°C
10
10
10
10
V/µs
Critical Rate
of Rise of
Off-State
Voltage at
Commutation
(Note 1)
(dV/dt)c
(dI/dt)c=1.8A/ms,
TJ=110°C
1
1
5
5
V/µs
Note: 1. For either polarity of electrode MT2 voltage with reference to electrode MT1.


Numéro de pièce similaire - BTA04G-7-S-TF3-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
BTA04G-x-x-TF3-T UTC-BTA04G-x-x-TF3-T Datasheet
189Kb / 5P
   SENSITIVE GATE TRIAC
More results

Description similaire - BTA04G-7-S-TF3-T

FabricantNo de pièceFiches techniqueDescription
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com