Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCA100L Fiches technique(PDF) 2 Page - Clare, Inc.

No de pièce LCA100L
Description  Single Pole OptoMOS Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARE [Clare, Inc.]
Site Internet  http://www.clare.com
Logo CLARE - Clare, Inc.

LCA100L Fiches technique(HTML) 2 Page - Clare, Inc.

  LCA100L Datasheet HTML 1Page - Clare, Inc. LCA100L Datasheet HTML 2Page - Clare, Inc. LCA100L Datasheet HTML 3Page - Clare, Inc. LCA100L Datasheet HTML 4Page - Clare, Inc. LCA100L Datasheet HTML 5Page - Clare, Inc. LCA100L Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.clare.com
LCA100L
Rev. 1
Absolute Maximum Ratings are stress ratings. Stresses
in excess of these ratings can cause permanent damage
to the device. Functional operation of the device at these
or any other conditions beyond those indicated in the
operational sections of this data sheet is not implied.
Exposure of the device to the absolute maximum ratings
for an extended period may degrade the device and effect
its reliability.
Absolute Maximum Ratings (@ 25˚ C)
2
Parameter
Min
Typ
Max Units
Input Power Dissipation
-
-
1501
mW
Input Control Current
-
-
50
mA
Peak (10ms)
-
-
1
A
Reverse Input Voltage
-
-
5
V
Total Power Dissipation
-
-
8002
mW
Isolation Voltage
Input to Output
3750
-
-
V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
(10 Seconds Max.)
DIP Package
-
-
+260
°C
Surface Mount Package
-
-
+220
°C
1 Derate Linearly 1.33 mw/˚C
2 Derate Linearly 6.67 mw/˚C
Electrical Characteristics
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Output Characteristics @ 25°C
Load Voltage (Peak)
-
V
L
-
-
350
V
Load Current (Continuous)
AC/DC Configuration
-
I
L
-
-
120
mA
DC Configuration
-
I
L
-
-
200
mA
Peak Load Current
10ms
I
LPK
--
-
mA
On-Resistance
AC/DC Configuration
I
L=120mA
R
ON
--
25
DC Configuration
I
L=200mA
R
ON
--
8
Off-State Leakage Current
V
L=35OV
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
T
ON
--
5
ms
Turn-Off
I
F=5mA, VL=10V
T
OFF
--
5
ms
Output Capacitance
50V; f=1MHz
C
OUT
-35
-
pF
Load Current Limiting
I
CL
130
170
210
mA
Input Characteristics @ 25°C
Input Control Current
I
L=120mA
I
F
5-
50
mA
Input Dropout Current
-
I
F
0.4
0.7
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Voltage
-
V
R
--
5
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Input to Output Capacitance
-
C
I/O
-3
-
pF
Input to Output Isolation
-
V
I/O
3750
-
-
V
RMS


Numéro de pièce similaire - LCA100L

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
LCA100L IXYS-LCA100L Datasheet
122Kb / 7P
   Single-Pole OptoMOS Relay
LCA100LS IXYS-LCA100LS Datasheet
122Kb / 7P
   Single-Pole OptoMOS Relay
LCA100LSTR IXYS-LCA100LSTR Datasheet
122Kb / 7P
   Single-Pole OptoMOS Relay
More results

Description similaire - LCA100L

FabricantNo de pièceFiches techniqueDescription
logo
Clare, Inc.
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
   Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
   Single Pole OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
   Single Pole OptoMOS Relay
PLA193 CLARE-PLA193 Datasheet
392Kb / 4P
   Single Pole OptoMOS Relay
TS122 CLARE-TS122 Datasheet
120Kb / 8P
   Single Pole OptoMOS Relay
XCA170 CLARE-XCA170 Datasheet
99Kb / 7P
   SINGLE POLE OptoMOS Relay
PLB150 CLARE-PLB150 Datasheet
71Kb / 4P
   SINGLE POLE OptoMOS Relay
LCA715 CLARE-LCA715 Datasheet
899Kb / 5P
   Single Pole OptoMOS Relay
logo
IXYS Corporation
LCA100L IXYS-LCA100L Datasheet
122Kb / 7P
   Single-Pole OptoMOS Relay
logo
Clare, Inc.
LCA182 CLARE-LCA182 Datasheet
1Mb / 5P
   Single Pole OptoMOS Relay
LCA100 CLARE-LCA100 Datasheet
102Kb / 6P
   Single Pole OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com