Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ITC137P Fiches technique(PDF) 4 Page - Clare, Inc.

No de pièce ITC137P
Description  Integrated Telecom Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARE [Clare, Inc.]
Site Internet  http://www.clare.com
Logo CLARE - Clare, Inc.

ITC137P Fiches technique(HTML) 4 Page - Clare, Inc.

  ITC137P Datasheet HTML 1Page - Clare, Inc. ITC137P Datasheet HTML 2Page - Clare, Inc. ITC137P Datasheet HTML 3Page - Clare, Inc. ITC137P Datasheet HTML 4Page - Clare, Inc. ITC137P Datasheet HTML 5Page - Clare, Inc. ITC137P Datasheet HTML 6Page - Clare, Inc. ITC137P Datasheet HTML 7Page - Clare, Inc. ITC137P Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.clare.com
4
ITC137P
Rev. X
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
ITC137P
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C)
IF = 5mADC
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
ITC137P
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC)
35
30
25
20
15
10
5
0
9.25
10.25
8.75
9.75
10.75
On-Resistance (
Ω)
ITC137P
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
365
385
405
425
375
395
415
Blocking Voltage (V)
ITC137P
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC)
0.42
0.66
0.90
0.30
0.54
0.78
1.02
LED Current (mA)
25
20
15
10
5
0
ITC137P
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC
25
20
15
10
5
0
0.30
0.54
0.78
0.18
0.42
0.66
0.90
LED Current (mA)
)
ITC137P
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC; IF = 2mADC)
0.88
1.58
2.28
2.98
1.23
1.93
2.63
Turn-On (ms)
25
20
15
10
5
0
ITC137P
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC; IF = 2mADC)
0.06
0.14
0.22
0.30
0.26
0.18
0.10
Turn-Off (ms)
25
20
15
10
5
0
ITC137P
Load Current vs. Ambient Temperature
Ambient Temperature (
°C)
-40
100
75
50
25
0
025
50
85
IF = 5mA
ITC137P
Typical Leakage vs. Temperature
(Measured across Pins 15 & 16)
Temperature (
°C)
-40
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
-20
0
20
40
60
80
100
ITC137P
Typical Blocking Voltage
vs. Temperature
Temperature (
°C)
-40
415
410
405
400
395
390
385
380
-20
0
20
40
60
80
100
ITC137P
Typical Turn-On vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
5mA
10mA
20mA
ITC137P
Typical Turn-Off vs. Temperature
(Load Current = 120mA)
Temperature (
°C)
-40
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
5mA


Numéro de pièce similaire - ITC137P

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
ITC137P IXYS-ITC137P Datasheet
142Kb / 8P
   Integrated Telecom Circuits
ITC137PTR IXYS-ITC137PTR Datasheet
142Kb / 8P
   Integrated Telecom Circuits
ITC137P IXYS-ITC137P_12 Datasheet
142Kb / 8P
   Integrated Telecom Circuits
More results

Description similaire - ITC137P

FabricantNo de pièceFiches techniqueDescription
logo
Clare, Inc.
ITC117P CLARE-ITC117P Datasheet
421Kb / 8P
   Integrated Telecom Circuits
ITC135P CLARE-ITC135P Datasheet
415Kb / 8P
   Integrated Telecom Circuits
IAD112N CLARE-IAD112N Datasheet
375Kb / 4P
   Integrated Telecom Circuits
logo
IXYS Corporation
IBB110P IXYS-IBB110P_12 Datasheet
123Kb / 7P
   Integrated Telecom Circuits
ITC137P IXYS-ITC137P_12 Datasheet
142Kb / 8P
   Integrated Telecom Circuits
logo
Clare, Inc.
IAA110P CLARE-IAA110P_1 Datasheet
215Kb / 5P
   Integrated Telecom Circuits
IAB110P CLARE-IAB110P Datasheet
405Kb / 7P
   Integrated Telecom Circuits
IAD110P CLARE-IAD110P Datasheet
399Kb / 6P
   Integrated Telecom Circuits
IBB110P CLARE-IBB110P Datasheet
383Kb / 6P
   Integrated Telecom Circuits
logo
IXYS Corporation
ITC117PL IXYS-ITC117PL Datasheet
134Kb / 8P
   Integrated Telecom Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com