Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST-4-36 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce ST-4-36
Description  Split/TranTM ,Specialty Purpose & Class 2 Transformers ??Printed Circuit Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ST-4-36 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  ST-4-36 Datasheet HTML 1Page - List of Unclassifed Manufacturers ST-4-36 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2013 Signal Transformer Inc. Specifications subject to change without notice. 08.13
SM
500 Bayview Avenue, Inwood, NY 11096
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
sales@signaltransformer.com • techhelp@signaltransformer.com
www.signaltransformer.com
Split Bobbin with High Isolation
Split/Tran™ Low Power Transformers
Custom versions available upon request.
Size
VA
L
W
H
ML
A
B
C
Optional Mounting
Screw & Nut
Weight
Inches (mm)
lbs (kg)
2
1.1
1.37
(34.9)
1.12
(28.6)
0.97
(24.6)
-
0.25
(6.4)
0.25
(6.4)
1.20
(30.5)
-
0.17
(0.08)
3
2.4
1.37
(34.9)
1.12
(28.6)
1.21
(30.8)
-
0.25
(6.4)
0.25
(6.4)
1.20
(30.5)
-
0.25
(0.11)
4
6
1.62
(41.3)
1.31
(33.3)
1.31
(33.3)
1.06
(26.9)
0.25
(6.4)
0.35
(8.9)
1.25
(32.5)
Nylon
4-40x1.37
(4-40x34.9)
0.44
(0.20)
5
12
1.91
(48.4)
1.59
(40.4)
1.45
(36.9)
1.25
(31.8)
0.30
(7.6)
0.40
(10.2)
1.41
(35.8)
Nylon
4-40x1.37
(4-40x34.9)
0.70
(0.32)
6
20
2.25
(57.2)
1.88
(47.8)
1.45
(36.9)
1.50
(38.1)
0.30
(7.6)
0.40
(10.2)
1.60
(40.6)
Nylon
4-40x1.37
(4-40x34.9)
0.80
(0.36)
7
36
2.62
(66.7)
2.18
(55.5)
1.59
(40.4)
† †
0.40
(10.2)
0.40
(10.2)
1.85
(47.0)
† †
1.1
(0.50)
† AvailablefromSignal,partnumbersST-MS(screw)andST-MN(nut).
††Size7has4mountingholeson2.18x1.75centersfor#6screws.
**InherentlyLimited
*NonInherentlyLimited
Recommendedsecondaryfusevaluespecifiedasbelow:
1
6 Pin
Type ST
115V
50/60 Hz
5
6
8
7
4
Indicates like polarity
1
8 Pin
Type DST
115/230V
50/60 Hz
5
6
8
7
3
4
2
Indicates like polarity
See Accessories page for mounting screw information.
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(13)
0.125A
0.15A
0.25A
0.3A
0.375A
0.4A
0.5A
0.6A
0.75A
1.0A
1.5A
2.0A
3.0A
35


Numéro de pièce similaire - ST-4-36

FabricantNo de pièceFiches techniqueDescription
logo
Micronetics, Inc.
ST-4 MICRONETICS-ST-4 Datasheet
227Kb / 1P
   MINI-NOISE DIODES 10 KHZ TO 3 GHZ
logo
Copal Electronics
ST-4 COPAL-ST-4 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
ST-4 VISHAY-ST-4 Datasheet
181Kb / 8P
    Surface Mount Cermet Trimmers (single turn)
Revision: 06-Mar-06
logo
Copal Electronics
ST-4/42EA COPAL-ST-4/42EA Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-4/42EA COPAL-ST-4/42EA Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
More results

Description similaire - ST-4-36

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
DSW ETC1-DSW Datasheet
35Kb / 2P
   Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
SW-316 ETC2-SW-316 Datasheet
341Kb / 3P
   PRINTED CIRCUIT TRANSFORMERS
90-T40M1 ETC2-90-T40M1 Datasheet
426Kb / 2P
   CLASS 2 TRANSFORMERS
logo
PowerVolt Inc.
DSZ3-24 POWERVOLT-DSZ3-24 Datasheet
104Kb / 1P
   Split Bobbin Printed Circuit Power Transformer
logo
List of Unclassifed Man...
S84Z-401 ETC2-S84Z-401 Datasheet
502Kb / 2P
   CLASS 2 TRANSFORMERS ??ENERGY LIMITING
logo
RENCO ELECTRONICS, INC.
RL-2231 RENCO-RL-2231 Datasheet
87Kb / 2P
   FLAT/TRAN LOW PROFILE PRINTED CIRCUIT MOUNT TRIPLE OUTPUT POWER TRANSFORMERS
logo
Murata Power Solutions ...
786J MURATA-PS-786J Datasheet
121Kb / 4P
   Surface Mount General Purpose Pulse Transformers
logo
RENCO ELECTRONICS, INC.
RL-2252 RENCO-RL-2252 Datasheet
1Mb / 2P
   50/60 Hz TRANSFORMERS ALL/TRAN??Class 2
logo
Premier Magnetics, Inc.
PSB-101 PMI-PSB-101 Datasheet
71Kb / 2P
   SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
logo
Glenair, Inc.
050_340 GLENAIR-050_340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com