Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-2-36 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce ST-2-36
Description  Split/TranTM ,Specialty Purpose & Class 2 Transformers • Printed Circuit Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ST-2-36 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  ST-2-36 Datasheet HTML 1Page - List of Unclassifed Manufacturers ST-2-36 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2013 Signal Transformer Inc. Specifications subject to change without notice. 08.13
SM
500 Bayview Avenue, Inwood, NY 11096
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
sales@signaltransformer.com • techhelp@signaltransformer.com
www.signaltransformer.com
Split Bobbin with High Isolation
Split/Tran™ Low Power Transformers
Custom versions available upon request.
Size
VA
L
W
H
ML
A
B
C
Optional Mounting
Screw & Nut
Weight
Inches (mm)
lbs (kg)
2
1.1
1.37
(34.9)
1.12
(28.6)
0.97
(24.6)
-
0.25
(6.4)
0.25
(6.4)
1.20
(30.5)
-
0.17
(0.08)
3
2.4
1.37
(34.9)
1.12
(28.6)
1.21
(30.8)
-
0.25
(6.4)
0.25
(6.4)
1.20
(30.5)
-
0.25
(0.11)
4
6
1.62
(41.3)
1.31
(33.3)
1.31
(33.3)
1.06
(26.9)
0.25
(6.4)
0.35
(8.9)
1.25
(32.5)
Nylon
4-40x1.37
(4-40x34.9)
0.44
(0.20)
5
12
1.91
(48.4)
1.59
(40.4)
1.45
(36.9)
1.25
(31.8)
0.30
(7.6)
0.40
(10.2)
1.41
(35.8)
Nylon
4-40x1.37
(4-40x34.9)
0.70
(0.32)
6
20
2.25
(57.2)
1.88
(47.8)
1.45
(36.9)
1.50
(38.1)
0.30
(7.6)
0.40
(10.2)
1.60
(40.6)
Nylon
4-40x1.37
(4-40x34.9)
0.80
(0.36)
7
36
2.62
(66.7)
2.18
(55.5)
1.59
(40.4)
† †
0.40
(10.2)
0.40
(10.2)
1.85
(47.0)
† †
1.1
(0.50)
† AvailablefromSignal,partnumbersST-MS(screw)andST-MN(nut).
††Size7has4mountingholeson2.18x1.75centersfor#6screws.
**InherentlyLimited
*NonInherentlyLimited
Recommendedsecondaryfusevaluespecifiedasbelow:
1
6 Pin
Type ST
115V
50/60 Hz
5
6
8
7
4
Indicates like polarity
1
8 Pin
Type DST
115/230V
50/60 Hz
5
6
8
7
3
4
2
Indicates like polarity
See Accessories page for mounting screw information.
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(13)
0.125A
0.15A
0.25A
0.3A
0.375A
0.4A
0.5A
0.6A
0.75A
1.0A
1.5A
2.0A
3.0A
35


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn