Moteur de recherche de fiches techniques de composants électroniques |
|
ST-4-16 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
ST-4-16 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 2 page ©2013 Signal Transformer Inc. Specifications subject to change without notice. 08.13 SM 500 Bayview Avenue, Inwood, NY 11096 Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208 sales@signaltransformer.com • techhelp@signaltransformer.com www.signaltransformer.com Signal’s ST and DST transformers use a split bobbin that provides superior isolation and low capacitive coupling. General Specifications • Power - 1.1 VA to 36 VA • Dielectric Strength - 2500 Vrms Hipot • Primaries - Single or dual primaries, 115 V or 115/230 V, 50/60 Hz • Secondaries - Series or parallel • Electrostatic Shield - Not necessay, split bobbin construction • Insulation System - Class B, 130° C • Mounting Hardware - see chart Agency Certifications •UL1446ClassBinsulationsystems,File#E66312 •ULRecognized506/UL5085-1,2,File#E63829 •CSAcertifiedtoC22.2#66.1,File#221070 •cCSAuscertifiedtoC22.2#66.3/UL5085-3,File#221070 •Class2–markedwith(*)or(**)or(#) **CSAcertifiedasInherentlyLimited *CSAcertifiedasNonInherentlyLimited–seerecommendedfuseratingonnextpage #ULRecognizedUL5083-3,InherentlyLimitedFile#E116583 Split Bobbin with High Isolation Split/TranTM ,Specialty Purpose & Class 2 Transformers • Printed Circuit Mount Custom versions available upon request. Part Number Secondary RMS Rating Single 115V 6 Pin Dual 115/230V 8 Pin Series Parallel ST-2-10** DST-2-10** 10VCT @ 0.11A 5V @ 0.22A ST-3-10* DST-3-10* 10VCT@0.25A(5) 5V@0.5A(9) ST-4-10* DST-4-10* 10VCT@0.6A(9) 5V@1.2A(11) ST-5-10* DST-5-10* 10VCT@1.2A(11) 5V@2.4A(12) ST-6-10 DST-6-10 10VCT @ 2.0A 5V@4.0A ST-7-10 DST-7-10 10VCT @ 3.6A 5V@7.2A ST-2-12** DST-2-12** 12.6VCT@0.09A 6.3V@0.18A ST-3-12* DST-3-12* 12.6VCT@0.2A(4) 6.3V@0.4A(8) ST-4-12* DST-4-12* 12.6VCT@0.5A(9) 6.3V@1.0A(11) ST-5-12* DST-5-12* 12.6VCT@1.0A(11) 6.3V@2.0A(13) ST-6-12 DST-6-12 12.6VCT @ 1.6A 6.3V @ 3.2A ST-7-12 DST-7-12 12.6VCT@2.85A 6.3V@5.7A ST-2-16** DST-2-16** 16VCT@0.07A 8V@0.14A ST-3-16* DST-3-16* 16VCT@0.15A(3) 8V@0.3A(6) ST-4-16* DST-4-16*# 16VCT@0.4A(7) 8V@0.8A(10) ST-5-16* DST-5-16* 16VCT@0.8A(10) 8V@1.6A(11) ST-6-16 DST-6-16 16VCT @ 1.25A 8V@2.5A ST-7-16 DST-7-16 16VCT @ 2.25A 8V@4.5A ST-2-20** DST-2-20** 20VCT @ 0.055A 10V @ 0.11A ST-3-20* DST-3-20* 20VCT@0.12A(2) 10V@0.24A(5) ST-4-20* DST-4-20* 20VCT@0.3A(6) 10V@0.6A(9) ST-5-20* DST-5-20* 20VCT@0.6A(9) 10V@1.2A(11) ST-6-20 DST-6-20 20VCT @ 1.0A 10V @ 2.0A ST-7-20 DST-7-20 20VCT@1.8A 10V @ 3.6A ST-2-24** DST-2-24** 24VCT@0.045A 12V@0.09A ST-3-24* DST-3-24* 24VCT@0.1A(1) 12V@0.2A(4) ST-4-24* DST-4-24*# 24VCT@0.25A(5) 12V@0.5A(9) ST-5-24* DST-5-24*# 24VCT@0.5A(9) 12V@1.0A(11) ST-6-24 DST-6-24 24VCT@0.8A 12V @ 1.6A ST-7-24 DST-7-24 24VCT@1.5A 12V @ 3.0A Part Number Secondary RMS Rating Single 115V 6 Pin Dual 115/230V 8 Pin Series Parallel ST-2-28 DST-2-28 28VCT@0.04A 14V@0.08A ST-3-28 DST-3-28 28VCT@0.085A 14V@0.17A ST-4-28 DST-4-28 28VCT@0.2A 14V@0.4A ST-5-28 DST-5-28 28VCT@0.42A 14V@0.84A ST-6-28 DST-6-28 28VCT@0.7A 14V@1.4A ST-7-28 DST-7-28 28VCT@1.3A 14V@2.6A ST-2-36 DST-2-36 36VCT @ 0.03A 18V@0.06A ST-3-36 DST-3-36 36VCT @ 0.065A 18V@0.13A ST-4-36 DST-4-36 36VCT@0.17A 18V@0.34A ST-5-36 DST-5-36 36VCT @ 0.35A 18V@0.7A ST-6-36 DST-6-36 36VCT @ 0.55A 18V@1.1A ST-7-36 DST-7-36 36VCT @ 1.0A 18V@2.0A ST-2-48 DST-2-48 48VCT@0.023A 24V@0.046A ST-3-48 DST-3-48 48VCT@0.05A 24V@0.1A ST-4-48 DST-4-48 48VCT@0.125A 24V@0.25A ST-5-48 DST-5-48 48VCT@0.25A 24V@0.5A ST-6-48 DST-6-48 48VCT@0.4A 24V@0.8A ST-7-48 DST-7-48 48VCT@0.75A 24V@1.5A ST-2-56 DST-2-56 56VCT @ 0.02A 28V@0.04A ST-3-56 DST-3-56 56VCT@0.045A 28V@0.09A ST-4-56 DST-4-56 56VCT @ 0.11A 28V@0.22A ST-5-56 DST-5-56 56VCT @ 0.22A 28V@0.44A ST-6-56 DST-6-56 56VCT @ 0.35A 28V@0.7A ST-7-56 DST-7-56 56VCT @ 0.65A 28V@1.3A ST-2-120 DST-2-120 120VCT @ 0.01A 60V @ 0.02A ST-3-120 DST-3-120 120VCT @ 0.02A 60V@0.04A ST-4-120 DST-4-120 120VCT @ 0.05A 60V @ 0.1A ST-5-120 DST-5-120 120VCT @ 0.1A 60V @ 0.2A ST-6-120 DST-6-120 120VCT @ 0.16A 60V @ 0.32A ST-7-120 DST-7-120 120VCT @ 0.3A 60V @ 0.6A 34 |
Numéro de pièce similaire - ST-4-16 |
|
Description similaire - ST-4-16 |