Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN6862WLTY Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FAN6862WLTY
Description  Highly Integrated Green-Mode PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6862WLTY Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FAN6862WLTY Datasheet HTML 1Page - Fairchild Semiconductor FAN6862WLTY Datasheet HTML 2Page - Fairchild Semiconductor FAN6862WLTY Datasheet HTML 3Page - Fairchild Semiconductor FAN6862WLTY Datasheet HTML 4Page - Fairchild Semiconductor FAN6862WLTY Datasheet HTML 5Page - Fairchild Semiconductor FAN6862WLTY Datasheet HTML 6Page - Fairchild Semiconductor FAN6862WLTY Datasheet HTML 7Page - Fairchild Semiconductor FAN6862WLTY Datasheet HTML 8Page - Fairchild Semiconductor FAN6862WLTY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6862W • Rev. 1.0.0
3
Marking Information
Figure 3. Top Mark
Pin Configuration
Figure 4. Pin Configuration
Pin Definitions
Pin #
Name
Function
Description
1
GND
Ground
Ground
2
FB
Feedback
The FB pin provides the output voltage regulation signal. It provides feedback to
the internal PWM comparator, so the PWM comparator can control the duty
cycle. This pin also provides over-current protection. IF VFB is higher than the
trigger level and persists at that level, the controller stops and restarts.
3
RT
Temperature
Detection
An external NTC thermistor is connected from this pin to the GND pin. The
impedance of the NTC decreases at high temperatures. If the voltage of the RT
pin drops below the threshold, PWM output is disabled.
4
SENSE Current Sense
This pin senses the voltage across a resistor. When the voltage reaches the
internal threshold, PWM output is disabled and this activates over-current
protection. This pin also provides current amplitude information for Current
Mode control.
5
VDD
Power Supply Power supply
6
GATE
Driver Output The totem-pole output driver for driving the power MOSFET
Axx:
ABY: FAN6862WTY
ABZ: FAN6862WRTY
ACA: FAN6862WLTY
TT:
Wafer Lot Code
: Year Code
_ _ _
:
Week Code


Numéro de pièce similaire - FAN6862WLTY

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN6862 FAIRCHILD-FAN6862 Datasheet
529Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6862 FAIRCHILD-FAN6862 Datasheet
829Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862L FAIRCHILD-FAN6862L Datasheet
554Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862LTY FAIRCHILD-FAN6862LTY Datasheet
554Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862NY FAIRCHILD-FAN6862NY Datasheet
829Kb / 16P
   Highly Integrated Green-Mode PWM Controller
More results

Description similaire - FAN6862WLTY

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com