Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES111 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce ES111
Description  Electro-Wash짰 NX New & Improved! Cleaner Degreaser
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ES111 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  ES111 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES111 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES111 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES111 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ITW CHEMTRONICS
®
MSDS #1611
Page 1 of 2
SECTION 1: CHEMICAL PRODUCT AND COMPANY IDENTIFICATION
Product Information: 800-TECH-401
Product Identification
New & Improved Electro-Wash
® NX
Product Code: ES1611, ES2211
SECTION 2: COMPOSITION/INFORMATION ON INGREDIENTS
Chemical Name
CAS#
Wt. % Range
HCFC-225ca
422-56-0
20.0-40.0
HCFC-225cb
507-55-1
20.0-40.0
Ethanol
64-17-5
2.0-4.0
Methanol
67-56-1
0.1-1.0
1,1,1,2-Tetrafluoroethane
811-97-2
10.0-30.0
Carbon Dioxide
124-38-9
1.0-5.0
SECTION 3: HAZARD IDENTIFICATION
Emergency Overview: Clear, colorless liquid with faint ethereal odor. This product is nonflammable. Liquid may irritate eyes and skin under repeated or prolonged
exposure. Breathing high concentrations of product vapor may produce dizziness and nausea.
Potential Health Effects:
Eyes:
Liquid, aerosols and vapors of this product may be irritating and can cause pain, tearing, reddening and swelling accompanied by a stinging sensation.
Skin:
Prolonged contact can cause skin irritation, including redness, burning, drying and/or cracking of skin..
Ingestion: May be harmful if swallowed. Swallowing this material may result in nausea, vomiting and weakness followed by central nervous system depression.
Inhalation: Can be harmful if inhaled. High concentrations of vapors in immediate area can cause dizziness, nausea, vomiting, unconsciousness and death.
SECTION 4: FIRST AID MEASURES
Eyes:
Immediately flush with plenty of water. After initial flushing, remove any contact lenses and continue flushing for at least 15 minutes. Have eyes examined
and tested by medical personnel if irritation develops or persists.
Skin:
Wash skin with soap and water. Remove contaminated clothing. Get medical attention if irritation develops or persist. Wash clothing before reuse.
Ingestion: If swallowed, do not induce vomiting. If conscious, give 2 glasses of water. Never give anything by mouth to an unconscious person. Keep head below knees
to minimize chance of aspirating material into the lungs. Get medical attention immediately.
Inhalation: Remove to fresh air. If breathing is difficult, give oxygen. Get medical attention.
SECTION 5: FIRE FIGHTING MEASURES
Flash Point: None to boiling (TCC)
Extinguishing Media: Use water spray or fog, CO2, dry chemical or water stream when fighting fires involving this material.
Fire Fighting Instructions: As in any fire, wear self-contained breathing apparatus (pressure-demand, MSHA/NIOSH-approved or equivalent) and full protective gear.
SECTION 6: ACCIDENTAL RELEASE MEASURES
Spills: Shut off leak if possible and safe to do so. Absorb spill with inert material (e.g. dry sand or earth), then place in a chemical waste container for proper disposal.
Do not flush to sewer. Avoid runoff into storm sewers and ditches which lead to waterways.
SECTION 7: HANDLING AND STORAGE
Avoid prolonged or repeated contact with eyes, skin, and clothing. Wash hands before eating. Use with adequate ventilation. Avoid breathing product vapor or mist.
Do not reuse this container. Store in a cool dry place away from heat, sparks and flame. Do not store in direct sunlight.
KEEP OUT OF REACH OF CHILDREN.
SECTION 8: EXPOSURE CONTROLS/PERSONAL PROTECTION
Exposure Guidelines:
CHEMICAL NAME
ACGIH TLV
OSHA PEL
OTHER
HCFC-225 ca/HCFC-225 cb
not established
not established
100 ppm*
Ethanol
1000 ppm
1000 ppm
Methanol
200 ppm
200 ppm
1,1,1,2-Tetrafluoroethane
not established
not established
1000 ppm*
Carbon Dioxide
5000 ppm
5000 ppm
30,000 ppm STEL
* Supplier’s Occupational Exposure Limit
Work/Hygienic Practices: Good general ventilation should be sufficient to control airborne levels. If vapor concentration exceeds TLV, use NIOSH approved organic
vapor cartridge respirator.
Wear safety glasses with side shields (or goggles) and rubber or other chemically resistant gloves.
NFPA and HMIS Codes:
NFPA
HMIS
Health
1
1
Flammability
0
0
Reactivity
1
1
Personal Protection
-
B


Numéro de pièce similaire - ES111

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
ES11-SA1A4 SICK-ES11-SA1A4 Datasheet
1Mb / 7P
   SAFETY COMMAND DEVICES
ES11-SA2B8 SICK-ES11-SA2B8 Datasheet
1Mb / 8P
   SAFETY COMMAND DEVICES
ES11-SC4D8 SICK-ES11-SC4D8 Datasheet
1Mb / 8P
   SAFETY COMMAND DEVICES
logo
Honeywell Solid State E...
ES110 HONEYWELL-ES110 Datasheet
736Kb / 11P
   Temperature Sensors Line Guide
logo
Copal Electronics
ES115A10-Z COPAL-ES115A10-Z Datasheet
825Kb / 2P
   Miniature Slide Switches
More results

Description similaire - ES111

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
7532 FAIRCHILD-7532 Datasheet
123Kb / 15P
   A New PSPICE Electro-Thermal Subcircuit
7534 FAIRCHILD-7534 Datasheet
131Kb / 16P
   A New PSPICE Electro-Thermal Subcircuit
logo
NTE Electronics
RX200-20 NTE-RX200-20 Datasheet
45Kb / 7P
   ECG Electronics Degreaser
logo
Littelfuse
SL1026 LITTELFUSE-SL1026 Datasheet
70Kb / 1P
   New Improved Littelfuse 1026 maximum duty arrester series
logo
NTE Electronics
RX201-16 NTE-RX201-16 Datasheet
120Kb / 7P
   ECG Electronics Degreaser & Wash
logo
Rosenberger Hochfrequen...
98W005-000 ROSENBERGER-98W005-000 Datasheet
133Kb / 1P
   Click Cleaner
logo
Hamamatsu Corporation
R9220 HAMAMATSU-R9220 Datasheet
142Kb / 4P
   PHOTOMULTIPLIER TUBE High QE Multialkali Photocathode New Electro-Optical Design
logo
List of Unclassifed Man...
521F ETC-521F Datasheet
115Kb / 1P
   SOLDER PASTES/CLEANER
logo
NTE Electronics
RX500-6 NTE-RX500-6 Datasheet
47Kb / 8P
   ECG Cleaner/Lubricant
logo
List of Unclassifed Man...
SE4002 ETC1-SE4002 Datasheet
900Kb / 3P
   spray extraction cleaner
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com