Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS492501-CL Fiches technique(PDF) 8 Page - Cirrus Logic

No de pièce CS492501-CL
Description  Multi-Channel Digital Audio Decoders
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS492501-CL Fiches technique(HTML) 8 Page - Cirrus Logic

Back Button CS492501-CL Datasheet HTML 4Page - Cirrus Logic CS492501-CL Datasheet HTML 5Page - Cirrus Logic CS492501-CL Datasheet HTML 6Page - Cirrus Logic CS492501-CL Datasheet HTML 7Page - Cirrus Logic CS492501-CL Datasheet HTML 8Page - Cirrus Logic CS492501-CL Datasheet HTML 9Page - Cirrus Logic CS492501-CL Datasheet HTML 10Page - Cirrus Logic CS492501-CL Datasheet HTML 11Page - Cirrus Logic CS492501-CL Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
CS4923/4/5/6/7/8/9
8
DS262F2
SWITCHING CHARACTERISTICS—INTEL® HOST MODE
(TA = 25 °C; VA, VD = 3.3 V ±5%; Inputs: Logic 0 = DGND, Logic 1 = VD, CL = 20 pF)
Notes: 1. Certain timing parameters are normalized to the DSP clock, DCLK, in nanoseconds. The DSP clock can
be defined as follows:
External CLKIN Mode:
DCLK == CLKIN/3 before and during boot
DCLK == CLKIN after boot
Internal Clock Mode:
DCLK == 10MHz before and during boot, i.e. DCLK == 100ns
DCLK == 60 MHz after boot, i.e. DCLK == 16.7ns (this speed may depend on CLKIN, please see
CS4923/4/5/6/7/8/9 Hardware User’s Guide for more information)
2. This specification is characterized but not production tested.
Parameter
Symbol
Min
Max
Unit
Address setup before CS and RD low or CS and WR low
Tias
5-
ns
Address hold time after CS and RD low or CS and WR low
Tiah
5-
ns
Delay between RD then CS low or CS then RD low
Ticdr
0
ns
Data valid after CS and RD low
Tidd
-20
ns
CS and RD low for read
(Note 1)
Tirpw
DCLK + 10
-
ns
Data hold time after CS or RD high
Tidhr
5-
ns
Data high-Z after CS or RD high
(Note 2)
Tidis
-15
ns
CS or RD high to CS and RD low for next read
(Note 1)
Tird
2*DCLK + 10
-
ns
CS or RD high to CS and WR low for next write
(Note 1)
Tirdtw
2*DCLK + 10
-
ns
Delay between WR then CS low or CS then WR low
Ticdw
0
ns
Data setup before CS or WR high
Tidsu
20
-
ns
CS and WR low for write
(Note 1)
Tiwpw
DCLK + 10
-
ns
Data hold after CS or WR high
Tidhw
5-
ns
CS or WR high to CS and RD low for next read
(Note 1)
Tiwtrd
2*DCLK + 10
-
ns
CS or WR high to CS and WR low for next write
(Note 1)
Tiwd
2*DCLK + 10
-
ns


Numéro de pièce similaire - CS492501-CL

FabricantNo de pièceFiches techniqueDescription
logo
High Voltage Power Solu...
CS4920C1 HVPSI-CS4920C1 Datasheet
106Kb / 1P
   200 KV RECTIFIER
logo
Cirrus Logic
CS4922 CIRRUS-CS4922 Datasheet
662Kb / 34P
   MPEG/G.729A AUDIO DECODER SYSTEM
CS4922-CL CIRRUS-CS4922-CL Datasheet
662Kb / 34P
   MPEG/G.729A AUDIO DECODER SYSTEM
More results

Description similaire - CS492501-CL

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
IBM39MPEGCS24 ETC1-IBM39MPEGCS24 Datasheet
69Kb / 4P
   CS24 Digital Audio/Video Decoders
logo
Texas Instruments
DS90UA102-Q1 TI1-DS90UA102-Q1_14 Datasheet
1Mb / 47P
[Old version datasheet]   Multi-Channel Digital Audio Link
DS90UA101-Q1 TI1-DS90UA101-Q1_14 Datasheet
571Kb / 41P
[Old version datasheet]   Multi-Channel Digital Audio Link
logo
NXP Semiconductors
SAA2505H PHILIPS-SAA2505H Datasheet
177Kb / 28P
   Digital multi-channel audio IC DUET
1998 Mar 10
logo
Zilog, Inc.
Z87010 ZILOG-Z87010 Datasheet
89Kb / 22P
   Audio Encoder/Decoders
logo
STMicroelectronics
STA309A STMICROELECTRONICS-STA309A_07 Datasheet
663Kb / 67P
   Multi-channel digital audio processor with DDX
logo
Texas Instruments
DS90UA102-Q1 TI1-DS90UA102-Q1 Datasheet
1Mb / 46P
[Old version datasheet]   DS90UA102-Q1 Multi-Channel Digital Audio Link
logo
STMicroelectronics
STA309A13TR STMICROELECTRONICS-STA309A13TR Datasheet
598Kb / 67P
   Multi-channel digital audio processor with DDX
logo
Texas Instruments
DS90UA101-Q1 TI1-DS90UA101-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   DS90UA101-Q1 Multi-Channel Digital Audio Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com