Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

IRF1010 Datasheet(Fiches technique) 6 Page - Nell Semiconductor Co., Ltd

Numéro de pièce IRF1010
Description  N-Channel Power MOSFET
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NELLSEMI [Nell Semiconductor Co., Ltd]
Site Internet  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRF1010 Datasheet(HTML) 6 Page - Nell Semiconductor Co., Ltd

  IRF1010 Datenblatt HTML 1Page - Nell Semiconductor Co., Ltd IRF1010 Datenblatt HTML 2Page - Nell Semiconductor Co., Ltd IRF1010 Datenblatt HTML 3Page - Nell Semiconductor Co., Ltd IRF1010 Datenblatt HTML 4Page - Nell Semiconductor Co., Ltd IRF1010 Datenblatt HTML 5Page - Nell Semiconductor Co., Ltd IRF1010 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRF1010 Datenblatt HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Fig.12c. Maximum avalanche energy vs.
drain current
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
IRF1010 Series
400
300
200
100
0
25
50
75
100
125
150
175
Junction temperature, T (°C)
J
+
-
Fig.13b. Gate charge test circuit
QG
QGS
QGD
10V
VGS
Charge
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple ≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. I SD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
*
+
-
+
+
+
-
-
-
Circuit Layout Considerations
Low Stray lnductance
Ground Plane
Low Leakage lnductance
Current Transformer
dv/dt controlled by RG
Driver same type as D.U.T.
l
controlled by Duty Factor D
SD
" "
D.U.T. -Device Under Test
D.U.T.
RG
VDD
*V
= 5V for Logic Level Devices
GS
Current Regulator
Same Type as D.U.T.
12V
0.2µF
50KΩ
0.3µF
VGS
3mA
D.U.T.
VDS
lD
lG
Fig.14 Peak diode recovery dv/dt test circuit for N-Channel MOSFET
Fig.13a. Basic gate charge waveform
Current Sampling Resistors
www.nellsemi.com
Page 6 of 7
ID
TOP
5.7A
9.1A
BOTTOM 51A
50
150
250
350


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn